Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 53 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 53 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 49Page - STMicroelectronics VD5377UW Datasheet HTML 50Page - STMicroelectronics VD5377UW Datasheet HTML 51Page - STMicroelectronics VD5377UW Datasheet HTML 52Page - STMicroelectronics VD5377UW Datasheet HTML 53Page - STMicroelectronics VD5377UW Datasheet HTML 54Page - STMicroelectronics VD5377UW Datasheet HTML 55Page - STMicroelectronics VD5377UW Datasheet HTML 56Page - STMicroelectronics VD5377UW Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
Doc ID 022952 Rev 2
53/88
VD5377
Basic start-up information
8.5
Revision ID
The major and minor revision registers can be used to identify different revisions of the
VD5377 silicon as shown in Table 30. Currently, only two revisions exist: rev 1.0 (0.0) and
rev 2.0 (1.0). Register 0x90 is the device ID and returns 0x4d (77 dec) when read.
8.6
Soft reset
In Table 31 clearing register 0x16 bit 0 (software_reset_n) initiates an internal reset. All
registers are initialized and the MCU performs a reboot. This is equivalent to a power-on
reset.
Table 30. Major/minor revision registers
Addr
(Hex)
Register name
Signal name
Bit
Type
Default
(Hex)
Comment
0
MAJOR_REVISION
major_revision
7:0
PR
01
Major hardware revision
number. Updated in case of
full mask regeneration.
0 = rev 1.x
1 = rev 2.x
2 = rev 3.x
x = minor revision
1
MINOR_REVISION
minor_revision
7:0
RW
00
Minor hardware revision
number. Updated in case of
metal fix and or ROM
changes.
0 = rev 0
1 = rev 1
2 = rev 2
90
DEVICE_ID
ucDeviceID
7:0
RW
4d
Device ID
0 = VD5376 (and previous)
77 = VD5377
Table 31. Soft reset
Addr
(Hex)
Register name
Signal name
Bit
Type
Default
(Hex)
Comment
16
RESETS
software_reset_n
0
PRWC
01
Software reset result in full
system reboot (active low -
auto cleared)
reserved
7:1
PRW
0f
Do not modify these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com