Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 50 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 50 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 46Page - STMicroelectronics VD5377UW Datasheet HTML 47Page - STMicroelectronics VD5377UW Datasheet HTML 48Page - STMicroelectronics VD5377UW Datasheet HTML 49Page - STMicroelectronics VD5377UW Datasheet HTML 50Page - STMicroelectronics VD5377UW Datasheet HTML 51Page - STMicroelectronics VD5377UW Datasheet HTML 52Page - STMicroelectronics VD5377UW Datasheet HTML 53Page - STMicroelectronics VD5377UW Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
Basic start-up information
VD5377
50/88
Doc ID 022952 Rev 2
Table 29. X/Y motion data
Addr
(Hex)
Register name
Signal name
Bit
Type
Default
(Hex)
Comment
21
X_MOTION
x_motion
7:0
PR
00
X motion data since last polling
was done. Note that the internal
accumulator is reduced from this
value every time it is read.
22
Y_MOTION
y_motion
7:0
PR
00
Y motion data since last polling
was done. Note that the internal
accumulator is reduced from this
value every time it is read.
23
OVERFLOW
x_overflow
0
PR
00
This register records if the X-
motion integrator has reached its
limit.
0 = No overflow
1 = Overflow
y_overflow
1
PR
00
This register records if the Y-
motion integrator has reached its
limit.
0 = No overflow
1 = Overflow
Reserved
2
PR
00
Reserved
no_motion
3
PR
01
This bit is asserted as long as
both X/Y integrators are empty
(logical or between motion_w and
motion_y).
0 = Motion
1 = No motion
motion_acc_flush_
en
5PRWC
00
If set this bit flushes the motion
accumulators (self cleared).
adapt_cpi_en
6
RW
00
If set the CPI is function of the
detected motion
0 = No adaptive CPI
1 = Enable adaptive CPI
Reserved
7
PRW
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com