Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 17 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 13Page - STMicroelectronics VD5377UW Datasheet HTML 14Page - STMicroelectronics VD5377UW Datasheet HTML 15Page - STMicroelectronics VD5377UW Datasheet HTML 16Page - STMicroelectronics VD5377UW Datasheet HTML 17Page - STMicroelectronics VD5377UW Datasheet HTML 18Page - STMicroelectronics VD5377UW Datasheet HTML 19Page - STMicroelectronics VD5377UW Datasheet HTML 20Page - STMicroelectronics VD5377UW Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
Doc ID 022952 Rev 2
17/88
VD5377
System overview
4
System overview
The VD5377 operates in one of two power management modes: MANUAL or AUTOMATIC
(see Figure 6). After initial MCU BOOT the device enters the SW STBY state and waits for
configuration from the host. When configured, the device enters MANUAL RUN or
AUTOMATIC RUN mode.
•
MANUAL power management mode is the simplest mode where the host initializes the
device which then remains in MANUAL RUN mode until it receives a command to
change mode (either an I2C command to return to the SW STBY state or a low power
state using the POWERDOWN or STANDBY pin).
•
AUTOMATIC power management mode is an intelligent, power efficient mode where
the device automatically switches to low power mode depending on motion activity.
When initialized, the device will continue to operate autonomously minimizing power
consumption and host CPU overhead.
Figure 6. VD5377 power management modes
MCU BOOT
SW STBY
MANUAL
host_config_done = 1
automatic = 0
host_config_done = 1
automatic = 1
host_config_done=0
AUTOMATIC
POWER UP
RUN
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com