Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 41 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 37Page - STMicroelectronics VD5377UW Datasheet HTML 38Page - STMicroelectronics VD5377UW Datasheet HTML 39Page - STMicroelectronics VD5377UW Datasheet HTML 40Page - STMicroelectronics VD5377UW Datasheet HTML 41Page - STMicroelectronics VD5377UW Datasheet HTML 42Page - STMicroelectronics VD5377UW Datasheet HTML 43Page - STMicroelectronics VD5377UW Datasheet HTML 44Page - STMicroelectronics VD5377UW Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
Doc ID 022952 Rev 2
41/88
VD5377
Additional features
7.2
Adaptive CPI
To be able to cope with large screen resolution an adaptive CPI functionality has been
implemented in VD5377, where the motion scaling can be adjusted depending on the speed
of the detected motion.
The algorithm is shown in Figure 17 where maximum motion is max_abs_motion (register
0x2f).
Figure 17. Adaptive CPI algorithm
motion scaling
(CPI)
max_motion
adaptcpi_min_motion
adaptcpi_min_scaling
reg 0x36
reg 0x35
adaptcpi_log_motion_range
reg 0x37 [2:0]
adaptcpi_log_scaling_range
reg 0x37 [6:4]
blue: adaptive CPI register control
legend
purple: default values
16
48
25=32
8
24
24=16
(1 pixel/32)
Table 25. Adaptive CPI
Addr
(Hex)
Register name
Signal name
Bit
Type
Default
(Hex)
Comment
23
OVERFLOW
adapt_cpi_en
6
PRW
00
If set, the CPI is function of the
detected motion.
0 = No adaptive CPI
1 = Enable adaptive CPI
2f
MAX_ABS_MOTION
max_abs_motion
6:0
PR
00
Max(ABS(X motion), ABS(Y
motion)) either from integrated or
instant motion
35
ADAPTCPI_MIN_
MOTION
adaptcpi_min_
motion
7:0
PRW
10
Minimum value of max(|X frame
motion|, |Y frame motion|) from
which the CPI is adaptive (if
feature enabled) - multiply by 1/32
36
ADAPTCPI_MIN_
SCALING
adaptcpi_min_
scaling
7:0
PRW
08
Minimum motion scaling value
when adaptive CPI feature is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com