Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 39 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 35Page - STMicroelectronics VD5377UW Datasheet HTML 36Page - STMicroelectronics VD5377UW Datasheet HTML 37Page - STMicroelectronics VD5377UW Datasheet HTML 38Page - STMicroelectronics VD5377UW Datasheet HTML 39Page - STMicroelectronics VD5377UW Datasheet HTML 40Page - STMicroelectronics VD5377UW Datasheet HTML 41Page - STMicroelectronics VD5377UW Datasheet HTML 42Page - STMicroelectronics VD5377UW Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
Doc ID 022952 Rev 2
39/88
VD5377
Additional features
7
Additional features
7.1
Auto-movement filter
An auto-movement filter has been added in VD5377 rev 2.0 to enhance the navigation
performance in high ambient light conditions.
The filter can only be enabled in automatic power mode(b). On initial wakeup, after sleep,
the filter will hold the sensor in the lowest run state until motion is seen is X times in Y
period. Both X and Y are programmable.
With the default settings, the AMF will look for motion in three separate 7 ms periods. Once
motion is seen in one 7 ms period, the filter will immediately move onto the next 7 ms
period.
b. Automatic power mode without standby (SYSTEM_CONFIG 0x5 = 0x09) does not function correctly when the
auto-movement filter is enabled. Suggested workaround is to use automatic power mode with use_standby_pin
enabled. Alternatively, there is a firmware patch available which can be requested from STMicroelectronics.
Table 24. Auto-movement filter
Addr
(Hex)
Register name
Signal name
Bit
Type
Default
(Hex)
Comment
8d
AUTO_MOVEMENT_
CTRL1
bAutoMoveFilterEn
able
0RW
00
Auto movement filter enable
0 = Disable
1 = Enable
ucAutoMoveFilterFr
ameNb
6:1
RW
07
Number of frames on which the
auto movement filter is applied
(must be greater than 1).
bAutoMoveSaturate
dExpo
7RW
00
When image in high light and
exposure (reg 0x47) is set to 1,
flag used by engine to discard
motion in this condition.
0 = Disable
1 = Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com