Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 23 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 19Page - STMicroelectronics VD5377UW Datasheet HTML 20Page - STMicroelectronics VD5377UW Datasheet HTML 21Page - STMicroelectronics VD5377UW Datasheet HTML 22Page - STMicroelectronics VD5377UW Datasheet HTML 23Page - STMicroelectronics VD5377UW Datasheet HTML 24Page - STMicroelectronics VD5377UW Datasheet HTML 25Page - STMicroelectronics VD5377UW Datasheet HTML 26Page - STMicroelectronics VD5377UW Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
Doc ID 022952 Rev 2
23/88
VD5377
System overview
Figure 10. Automatic power mode timing diagram (use_standby_pin=1)
Key timing parameters are shown in Table 11.
VTop
DVDD/AVDD
POR
Osc
48 MHz
POWERDOWN (I)
System States Power Up
SW STDBY
AUTO
SLEEP1
POWERDOWN
Power Up
STANDBY (I)
MOTION (O)
I2C (I/O)
MCU BOOT
RUNNING
state
state
host_config_done
Power Up
MCU BOOT
Device Ready
Osc
50 kHz
RunningTimeout Sleep1Latency
1 frame wake-up
duration
motion read
motion detected
through I2C
with STANDBY
as Chip Select
t1
t3
t2
t4
Table 11. Automatic mode timing constraints
Symbol
Parameter
Typical
t1
POR Delay
(POR threshold = 1.4 V typ)
20 µs
t2
Clock Startup
1 µs
t3
MCU boot time
450 µs
t4
Minimum Powerdown time
10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com