Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 69 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 69 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 65Page - STMicroelectronics VD5377UW Datasheet HTML 66Page - STMicroelectronics VD5377UW Datasheet HTML 67Page - STMicroelectronics VD5377UW Datasheet HTML 68Page - STMicroelectronics VD5377UW Datasheet HTML 69Page - STMicroelectronics VD5377UW Datasheet HTML 70Page - STMicroelectronics VD5377UW Datasheet HTML 71Page - STMicroelectronics VD5377UW Datasheet HTML 72Page - STMicroelectronics VD5377UW Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
Doc ID 022952 Rev 2
69/88
VD5377
I2C register map
5
SYSTEM_CONFIG
automatic_power_
mode
0PRW
01
Power mode scheme
0 = Manual
1 = Automatic
motion_pin_polarity
2
PRW
00
MOTION pin polarity (in non
IDLE system state)
0 = MOTION pin LOW when
motion detected
1 = MOTION pin HIGH when
motion detected
host_config_done
3
PRW
00
Bit needs to be set by host
when configured after power up.
use_standby_pin
4
PRW
01
STANDBY pin is used as chip
select to enable I2C in AUTO
power mode and STANDBY pin
is used to wake up the
OSC/DVREG (in sleep states in
auto power mode).
0 = STANDBY pin not used
1 = STANDBY pin is used
system_state
7:5
RW
01
Legacy register - please use
system_state (0x91) instead.
6
GPIO_I2CSEL0
gpio_i2csel0_en
0
PRW
01
I2CSEL0 output enable (active
low)
0 = PAD configured as OUTPUT
1 = PAD configured as INPUT
gpio_i2csel0_a
1
PRW
00
I2CSEL0 data output (when _en
= 0)
gpio_i2csel0_zi
2
PR
00
I2CSEL0 IO value
gpio_i2csel0_pd
3
PRW
00
I2CSEL0 pull-down control
(internal 35 kOhms pull-down
resistor) - active LOW
0 = IO is pulled down
1 = IO not pulled down
Table 38. I2C register map (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com