Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 32 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 28Page - STMicroelectronics VD5377UW Datasheet HTML 29Page - STMicroelectronics VD5377UW Datasheet HTML 30Page - STMicroelectronics VD5377UW Datasheet HTML 31Page - STMicroelectronics VD5377UW Datasheet HTML 32Page - STMicroelectronics VD5377UW Datasheet HTML 33Page - STMicroelectronics VD5377UW Datasheet HTML 34Page - STMicroelectronics VD5377UW Datasheet HTML 35Page - STMicroelectronics VD5377UW Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
Key features
VD5377
32/88
Doc ID 022952 Rev 2
Table 17. Features and scaling
Addr
(Hex)
Register name
Signal name
Bit
Type
Default
(Hex)
Comment
29
MIN_FEATURES
min_features
7:0 PRW
10
This register represents the
minimum feature count below which
motion is inhibited. Multiply by 16 to
get the actual feature count
threshold. Default is 16d x 16 =
256.
2a
X_SCALING
motion_x_scaling
7:0 PRW
10
Scaling for X motion vectors.
Resolution is calculated as register
value x 100 x M, where M is the
lens magnification.
So, for M = 0.5:
0x08 = 400 CPI that is 8 x 100 x 0.5
0x0c = 600 CPI that is 12 x 100 x
0.5
2b
Y_SCALING
motion_y_scaling
7:0 PRW
10
Scaling for Y motion vectors.
Resolution is calculated as register
value x 100 x M, where M is the
lens magnification.
So, for M = 0.5:
0x08 = 400 CPI that is 8 x 100 x 0.5
0x0c = 600 CPI that is 12 x 100 x
0.5
31
FEATURES
features_report
7:0 PR
00
Feature count report, as the SUM of
absolute differences between pixels
and the field average. Bits [11:4] are
represented here so x16 to
calculate the actual feature count.
Maximum value is 4080 = 255 x 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com