Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 15 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 11Page - STMicroelectronics VD5377UW Datasheet HTML 12Page - STMicroelectronics VD5377UW Datasheet HTML 13Page - STMicroelectronics VD5377UW Datasheet HTML 14Page - STMicroelectronics VD5377UW Datasheet HTML 15Page - STMicroelectronics VD5377UW Datasheet HTML 16Page - STMicroelectronics VD5377UW Datasheet HTML 17Page - STMicroelectronics VD5377UW Datasheet HTML 18Page - STMicroelectronics VD5377UW Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
Doc ID 022952 Rev 2
15/88
VD5377
Application schematics
8
BACKLED0
1.8V digital I/O
Backlight LED Driver (4 mA, open-drain). 5 V tolerant.
If unused, connect to DVSS.
9
BACKLED1
1.8V digital I/O
Backlight LED Driver (4 mA, open-drain). 5 V tolerant.
If unused, connect to DVSS.
10
BACKLED2
1.8V digital I/O
Backlight LED Driver (4 mA, open-drain). 5 V tolerant.
If unused, connect to DVSS.
11
DVSS
Supply
Digital ground
12
DVDD
Supply
1.8 V digital supply
13
POWERDOWN
Analog input
Active high. This disables the internal 1.8 V core regulator.
Input switching level is 0.8 V to be compatible with 1.8 V or
2.8 V signal.
14
POR_TEST
-
No connect
15
VTOP
Supply
Internal 1.8 V regulator supply input:
– 2.2 to 3.0 V for internal regulator configuration
– 1.8 V in direct drive mode.
16
STANDBY
1.8V digital input
If use_standby_pin register is selected (register 0x5 bit 4):
– In manual mode STANDBY = 1 puts the device in low power
mode
– In auto mode STANDBY = 1 disables I2C
Otherwise, connect to DVSS if not used.
This pad is 5 V tolerant.
17
DVREG
Supply
1.8V internal regulator output. Connect to DVDD and AVDD
supplies. Requires a 220 nF capacitor to DVSS.
18
DVSS
Supply
Digital ground
19
GPIO0
3.0V digital I/O
External LED drive control signal or general purpose I/O.
Referenced to Vtop. This pad is 5 V tolerant.
20
MOTION
3.0V digital output
Motion detection flag.
Configurable as Push/Pull or open-drain.
Active high or low (programmable polarity).
Referenced to Vtop. This pad is 5 V tolerant.
21
DVSS
Supply
Digital ground
22
TEST_CLK
-
No connect
23
SDA
1.8V digital I/O
I2C bidirectional data (open-drain).
This pad is 5 V tolerant.
24
SCL
1.8V digital input
I2C clock.
This pad is 5 V tolerant.
25
AVSS
Supply
Analog ground
26
AVDD
Supply
1.8 V analog supply
Table 7. Signal descriptions (continued)
Pad #
Signal name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com