Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 33 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 29Page - STMicroelectronics VD5377UW Datasheet HTML 30Page - STMicroelectronics VD5377UW Datasheet HTML 31Page - STMicroelectronics VD5377UW Datasheet HTML 32Page - STMicroelectronics VD5377UW Datasheet HTML 33Page - STMicroelectronics VD5377UW Datasheet HTML 34Page - STMicroelectronics VD5377UW Datasheet HTML 35Page - STMicroelectronics VD5377UW Datasheet HTML 36Page - STMicroelectronics VD5377UW Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
Doc ID 022952 Rev 2
33/88
VD5377
Key features
6.4
Automatic exposure control
Figure 16 describes the automatic exposure control function. This routine is performed
every EXPO_FRAME_UPDATE (register 0x4B).The auto-exposure control algorithm works
by adjusting exposure until the brightest (max exposed(a)) pixel in the frame lies within a
specified target range. This is to ensure that no part of the frame is saturated.
Figure 16. Automatic exposure algorithm
Manual or automatic exposure control can be selected. This is controlled using register
EXPOSURE_CONTROL 0x43 bit 0 (see Table 18). Bits [6:4] give the exposure status and
bit 7 is the exposure limit flag. In automatic exposure control mode, register EXPOTIME
a. In fact the second brightest pixel is used. Note that AEC operates on the exposed frame, that is, before noise
cancellation. Processing is done on the CDS frame which is derived from the exposed frame as follows:
CDS frame = Exposed frame - Black frame + 8
MEP = 255?
Expo = Min(0,
Expo - SatDecStep)
Status = SATURATED
MEP > MEP_HighT
Expo = Min(0,
Expo - DecStep)
Status = HIGH
(overexposed)
MEP < MEP_LowT
Expo = Max(255,
Expo + IncStep)
Status = LOW
(underexposed)
Status = STABLE
Expo > ExpoMax
Expo = ExpoMax
LimitFlag = 1
Expo < ExpoMin
Expo = ExpoMin
END
Programmable parameters shown in red
START
No
No
No
Yes
Yes
Yes
No
No
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com