Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 1 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 1 Page - STMicroelectronics

  VD5377UW Datasheet HTML 1Page - STMicroelectronics VD5377UW Datasheet HTML 2Page - STMicroelectronics VD5377UW Datasheet HTML 3Page - STMicroelectronics VD5377UW Datasheet HTML 4Page - STMicroelectronics VD5377UW Datasheet HTML 5Page - STMicroelectronics VD5377UW Datasheet HTML 6Page - STMicroelectronics VD5377UW Datasheet HTML 7Page - STMicroelectronics VD5377UW Datasheet HTML 8Page - STMicroelectronics VD5377UW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
February 2013
Doc ID 022952 Rev 2
1/88
1
VD5377
Ultra-low power motion sensor for optical finger navigation (OFN)
Datasheet
- preliminary data
Features
• Ultra-low power performance and high
speed/high accuracy motion detection (up to
28 in/s @ 4000 f/s)
• Manual or automatic power management
options
• Very low quiescent and operating current
modes for battery life saving
• Fully integrated solution: internal oscillator and
LED driver
• I2C interface with fast polling rates for high-end
applications (report rate up to 1 per ms).
• User-selectable I2C address (default I2C
address is 0xA6)
• CPI programmable up to 3,200 CPI
• Fully automatic exposure control (AEC)
Applications
• Smart phones
• Laptop/Netbook PCs
• Media players
• GPS devices
• Remote controls for home entertainment
equipment
Description
The VD5377 is an ultra-low power, single-chip
controller IC containing all the functions
necessary for optical joysticks/optical finger
navigation modules enabling improved mobile
experience and longer battery life. This device is
cost and performance optimized for Optical
Finger Navigation applications and includes
special features to ensure optimum performance
even in bright sunlight.
www.st.com


Similar Part No. - VD5377UW

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
VD536 YIC-VD536 Datasheet
250Kb / 1P
VD Series : Programmable LVDS Voltage - Controlled Crystal Oscillators 10.000 ~ 1,500.000MHz
More results

Similar Description - VD5377UW

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
CMOS OPTICAL NAVIGATION SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADBS-A320 AVAGO-ADBS-A320 Datasheet
1Mb / 55P
Optical Finger Navigation
ADBM-A350 AVAGO-ADBM-A350 Datasheet
542Kb / 55P
Optical Finger Navigation
ADBS-A350 AVAGO-ADBS-A350 Datasheet
990Kb / 60P
Optical Finger Navigation High speed motion detection up to 20 ips
logo
Pixart Imaging Inc.
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
Optical Finger Navigation
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
Optical Finger Navigation
logo
AVAGO TECHNOLOGIES LIMI...
ADBL-A321 AVAGO-ADBL-A321 Datasheet
392Kb / 4P
Optical Finger Navigation Lens
logo
Pixart Imaging Inc.
ADBS-A350 PIXART-ADBS-A350_17 Datasheet
2Mb / 16P
Optical Finger Navigation Chip
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com