Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 30 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 26Page - STMicroelectronics VD5377UW Datasheet HTML 27Page - STMicroelectronics VD5377UW Datasheet HTML 28Page - STMicroelectronics VD5377UW Datasheet HTML 29Page - STMicroelectronics VD5377UW Datasheet HTML 30Page - STMicroelectronics VD5377UW Datasheet HTML 31Page - STMicroelectronics VD5377UW Datasheet HTML 32Page - STMicroelectronics VD5377UW Datasheet HTML 33Page - STMicroelectronics VD5377UW Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
I/O description
VD5377
30/88
Doc ID 022952 Rev 2
Figure 15. In AUTOMATIC mode the STANDBY pin functions as I2C enable if
use_standby_pin is selected
5.5
POWERDOWN
POWERDOWN is a 3.0 V capable analog input pad referenced to Vtop. The input switching
level is 0.8 V and is compatible with 1.8 V and 2.8 V systems. When POWERDOWN is set
to 1 the core 1.8 V digital supply is switched off. The device typically consumes <1 µA in this
state(a). When POWERDOWN is set to 0, the internal 1.8 V core regulator is enabled and
the power-up sequence is initiated (see Figure 8: Manual power mode timing diagram on
page 19). The device requires full re-initialization after POWERDOWN.
Note:
In a 1.8 V direct drive configuration where the internal regulator is not used, the
POWERDOWN pin should be connected to VDD to ensure the regulator is disabled (see
Figure 4: 1.8 V direct supply on page 14).
MOTION
Internal Osc
STATE
SLEEP
RUN
RUN
STANDBY
I2C Comms
Minimum time = 10 us
a. See the note in Section 5.3: MOTION on page 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com