Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 36 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 32Page - STMicroelectronics VD5377UW Datasheet HTML 33Page - STMicroelectronics VD5377UW Datasheet HTML 34Page - STMicroelectronics VD5377UW Datasheet HTML 35Page - STMicroelectronics VD5377UW Datasheet HTML 36Page - STMicroelectronics VD5377UW Datasheet HTML 37Page - STMicroelectronics VD5377UW Datasheet HTML 38Page - STMicroelectronics VD5377UW Datasheet HTML 39Page - STMicroelectronics VD5377UW Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
Key features
VD5377
36/88
Doc ID 022952 Rev 2
6.6
Sunlight timing
In applications where strong external ambient lighting could interfere with tracking such as
direct sunlight, “Sunlight DMIB timing” mode is recommended (0x51 bit 1 = 1). This can
either be set to always on, that is 0x51 = 0x2 or set to change automatically when the
sensor detects high ambient light conditions (that is, 0x51 = 0x1). See Table 20. The default
is “Normal DMIB timing” mode.
Note:
The maximum permitted frame rate in Sunlight timing mode is 3.3 kf/s (see Section 6.7:
Automatic/manual frame rate).
Table 20. Sunlight DMIB timing mode
Addr
(Hex)
Register name
Signal name
Bit
Type
Default
(Hex)
Comment
51
CONTROL
dmib_ctrl_mode
0
RW
00
DMIB controller timing switch
mode
0 = Manual (chosen by
dmib_timing register)
1 = Automatic (system auto
sets the dmib_timing mode,
status reported in dmib_timing
register)
dmib_timing
1
PRW
00
DMIB controller timing mode
0 = Normal DMIB timing (same
as 376 with double expo time
possible)
1 = Sunlight DMIB timing
Reserved
7
PRW
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com