Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 28 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 24Page - STMicroelectronics VD5377UW Datasheet HTML 25Page - STMicroelectronics VD5377UW Datasheet HTML 26Page - STMicroelectronics VD5377UW Datasheet HTML 27Page - STMicroelectronics VD5377UW Datasheet HTML 28Page - STMicroelectronics VD5377UW Datasheet HTML 29Page - STMicroelectronics VD5377UW Datasheet HTML 30Page - STMicroelectronics VD5377UW Datasheet HTML 31Page - STMicroelectronics VD5377UW Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
I/O description
VD5377
28/88
Doc ID 022952 Rev 2
5.3
MOTION
The MOTION pad is a 3.0 V digital I/O pad referenced to VTOP and can be configured
either as a push/pull output or open-drain. It combines the functions of motion pending flag
and power-on reset indicator (see Figure 14). The MOTION signal is driven low at power-up
and stays low until the internal MCU boot sequence is completed. Once the boot sequence
is completed the MOTION signal goes high and remains high until the device is configured
and enters the AUTOMATIC or MANUAL RUN state. Thereafter the level on the MOTION
pad depends on the MOTION pin polarity setting (register 0x5 SYSTEM_CONFIG bit 2).
Note:
In Powerdown, a 35 kOhm pull-down resistor is activated in the Motion pad. This may result
in leakage current in the external circuit. Also, in open-drain configuration, careful choice of
pull-up resistor is required to ensure the resultant intermediate voltage on the Motion pad
does not induce leakage current in the Motion input gate.
Figure 14. MOTION behavior at power-up
POR
MOTION
STATE
Power Up
SW STDBY
AUTO RUN or MANUAL RUN
MCU BOOT
Table 16. Control register for motion pin polarity
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment
5
SYSTEM_CONFIG
automatic_power_mode
0
PRW
01
Power mode scheme
0 = Manual
1 = Automatic
motion_pin_polarity
2
PRW
00
MOTION pin polarity (in non
IDLE system state)
0 = MOTION pin LOW when
motion detected
1 = MOTION pin HIGH when
motion detected
host_config_done
3
PRW
00
Bit needs to be set by host
when configured after power
up.
use_standby_pin
4
PRW
01
STANDBY pin is used as chip
select to enable I2C in AUTO
power mode and STANDBY pin
is used to wake up the
OSC/DVREG (in sleep states in
auto power mode).
0 = STANDBY pin not used
1 = STANDBY pin is used
system_state
7:5 RW
01
Legacy register - please use
system_state (0x91) instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com