Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377UW Datasheet(PDF) 65 Page - STMicroelectronics

Part # VD5377UW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377UW Datasheet(HTML) 65 Page - STMicroelectronics

Back Button VD5377UW Datasheet HTML 61Page - STMicroelectronics VD5377UW Datasheet HTML 62Page - STMicroelectronics VD5377UW Datasheet HTML 63Page - STMicroelectronics VD5377UW Datasheet HTML 64Page - STMicroelectronics VD5377UW Datasheet HTML 65Page - STMicroelectronics VD5377UW Datasheet HTML 66Page - STMicroelectronics VD5377UW Datasheet HTML 67Page - STMicroelectronics VD5377UW Datasheet HTML 68Page - STMicroelectronics VD5377UW Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
Doc ID 022952 Rev 2
65/88
VD5377
I2C interface
11.3
Message interpretation
All serial interface communications with the sensor must begin with a start condition. If the
start condition is followed by a valid address byte then further communications can take
place. The sensor acknowledges the receipt of a valid address by driving the SDA wire low.
The state of the read/~write bit (LSB of the address byte) is stored and the next byte of data,
sampled from SDA, can be interpreted.
During a write sequence the second byte received is an address index and is used to point
to one of the internal registers. The serial interface automatically increments the index
address by one location after each slave acknowledge. The master can therefore send data
bytes continuously to the slave until the slave fails to provide an acknowledge or the master
terminates the write communication with a stop condition or sends a repeated start, (Sr).
As data is received by the slave it is written bit by bit to a serial/parallel register. After each
data byte has been received by the slave, an acknowledge is generated, the data is then
stored in the internal register addressed by the current index.
During a read message, the content of the addressed register is then parallel loaded into the
serial/parallel register and clocked out of the device by SCL.
At the end of each byte, in both read and write message sequences, an acknowledge is
issued by the receiving device. A message can only be terminated by the bus master, either
by issuing a stop condition, a repeated start condition or by a negative acknowledge (NAck)
after reading a complete byte during a read operation.
11.4
Type of messages
11.4.1
Single location, single data write
When a random value is written to the sensor, the message appears as shown in Figure 30.
Figure 30. Single location, single write
The R/W bit is set to zero for writing. The write message is terminated with a stop condition
from the master.
11.4.2
Single location read
When a location is to be read, but the value of the stored index is not known, a write
message with no data byte must be written first, specifying the index. The read message
then completes the message sequence. To avoid relinquishing the serial bus to another
master a repeated start condition is set between the write and read messages. In the
example in Figure 31, the X motion vector scaling value (index 0x2A) is read.
S
A6h
A
07h
A
00h
A
P
Start
Device
Ack
address
Index
Data
Stop
Master
Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com