Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 5 Page - Cypress Semiconductor

  SL11RIDE Datasheet HTML 1Page - Cypress Semiconductor SL11RIDE Datasheet HTML 2Page - Cypress Semiconductor SL11RIDE Datasheet HTML 3Page - Cypress Semiconductor SL11RIDE Datasheet HTML 4Page - Cypress Semiconductor SL11RIDE Datasheet HTML 5Page - Cypress Semiconductor SL11RIDE Datasheet HTML 6Page - Cypress Semiconductor SL11RIDE Datasheet HTML 7Page - Cypress Semiconductor SL11RIDE Datasheet HTML 8Page - Cypress Semiconductor SL11RIDE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 5 of 27
1.0
Conventions
1,2,3,4
Numbers without annotation are decimal
Dh, 1Fh, 39h
Hexadecimal numbers are followed by an “h”
0101b, 010101b
Binary numbers are followed by a “b”
bRequest, n
Words in italics indicated terms defined by USB Specification or by this Specification
2.0
Definitions
I2C
Two-wire Serial flash EEPROM interface
SL11RIDE
The SL11R-IDE is 16-bit RISC USB processor, which provides USB to ATAPI/IDE interface on a single
chip
USB
Universal Serial Bus
QTOOLS
Utilities tools for ScanLogic 16-bit RISC USB processor
CF
Compact Flash
3.0
References
[ref 1] AT Attachment with Packet Interface Extension (ATA/ATAPI-5)
4.0
General Description
4.1
Overview
The SL11RIDE is a low-cost, high-speed Universal Serial Bus RISC-based Controller board. It contains a 16-bit RISC processor
with built-in SL11RIDE ROM to greatly reduce firmware development efforts. Its serial flash EEPROM interface offers low-cost
storage for USB device configuration and customer product specific functions. New functions can be programmed into the I2C by
downloading them from a USB Host PC. This unique architecture provides the ability to upgrade products, in the field, without
changing the peripheral hardware.
4.2
Features of SL11RIDE
• Two-wire serial EEPROM (I2C) interface port, with SL11RIDE ROM firmware support, to allow on board flash EEPROM
programming
• Supports 12-MHz/48-MHz external crystal or clock
• 6Kx8 internal Mask ROM with built-in BIOS
• Supports up to the maximum USB transfer rate of 12 Mbits/sec
• Power source requires only 3.3V, and it can be powered via a USB host PC or a Hub
• Resume, Suspend, and Low-power modes are available
• Includes the necessary firmware to function as a USB to IDE/ATAPI controller
4.3
Applications
Cypress offers a Developer’s Kit with all its product lines. These Developer’s Kits include: ATAPI/IDE firmware, multiple peripheral
Mini-port class drivers for Windows98/2000, MAC 8.6 or higher available object code, a complete ATAPI/IDE solution reference
design, and a demo board.
The SL11RIDE offers solutions for interfacing USB to IDE/ATAPI peripheral products including HDD, CD-ROM, CD-R/RW, ZIP
drives, LS120, MO drives, Compact Flash, Disk on Chip, Tape drives, Smart Media cards, ORB, and CLIK, and MicroDrives.
4.4
Low Power Consumption
The SL11RIDE offers various power consumption modes. The maximum power consumption at 48-MHz operation, including USB,
is less then 30 mA, but on the average it consumes around 10 mA.
The following are measurements taken under different setups of the SL11RIDE:
Idle Mode:
2.0 mA (USB is on, CPU runs at 48 MHz)
During Reset:
3.0 mA (Reset is held LOW)
Post Reset:
12.5 mA typical at 48 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com