Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 10Page - Cypress Semiconductor SL11RIDE Datasheet HTML 11Page - Cypress Semiconductor SL11RIDE Datasheet HTML 12Page - Cypress Semiconductor SL11RIDE Datasheet HTML 13Page - Cypress Semiconductor SL11RIDE Datasheet HTML 14Page - Cypress Semiconductor SL11RIDE Datasheet HTML 15Page - Cypress Semiconductor SL11RIDE Datasheet HTML 16Page - Cypress Semiconductor SL11RIDE Datasheet HTML 17Page - Cypress Semiconductor SL11RIDE Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 14 of 27
8.2.1
0SL11RIDE 40 Pin Interface Signals
Notes:
7.
PU: These signals need 10 k
Ω pull-up.
8.
The Key pin must be not be connected.
9.
PD: CSEL connects to GND for default Master and Slave modes.
8.2.2
Access LED Control
The CS0 uses LED access control. You can define the value of R1.
Table 8-1. 40-pin Connector Interface Signals
SL11RIDE Signal
IDE Signal
Pin
Pin
IDE Signal
SL11RIDE Signal
RESET
RESET
1
2
GND
GND
D7
DD7
3
4
DD8
D8
D6
DD6
5
6
DD9
D9
D5
DD5
7
8
DD10
D10
D4
DD4
9
10
DD11
D11
D3
DD3
11
12
DD12
D12
D2
DD2
13
14
DD13
D13
D1
DD1
15
16
DD14
D14
D0
DD0
17
18
DD15
D15
GND
GND
19
20
Key
(See Note 8)
PU[7]
DMARQ
21
22
GND
GND
IOWD
DIOW
23
24
GND
GND
IORD
DIOR
25
26
GND
GND
PU[7]
IORDY
27
28
CSEL
PD[9]
PU[7]
DMACK
29
30
GND
GND
INTRQ
INTRQ
31
32
IOCS16
PU
A1
DA1
33
34
PDIAG
PU
A0
DA0
35
36
DA2
A2
CS0
CS0
37
38
CS1
CS1
DASP
DASP
39
40
GND
GND
D1
LED
CS0
3.3V OR VCC
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com