Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 13Page - Cypress Semiconductor SL11RIDE Datasheet HTML 14Page - Cypress Semiconductor SL11RIDE Datasheet HTML 15Page - Cypress Semiconductor SL11RIDE Datasheet HTML 16Page - Cypress Semiconductor SL11RIDE Datasheet HTML 17Page - Cypress Semiconductor SL11RIDE Datasheet HTML 18Page - Cypress Semiconductor SL11RIDE Datasheet HTML 19Page - Cypress Semiconductor SL11RIDE Datasheet HTML 20Page - Cypress Semiconductor SL11RIDE Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 17 of 27
Note: Clock is 48 MHz nominal.
9.6
Reset Circuit
Figure 9-1. Reset Circuit Sample
9.7
SL11RIDE PIO Read/Write Cycle
At power-up and during Read/Write Cycles, the SL11RIDE uses PIO mode 2 timing for the data transfer from/to device. See
chapter 10 in the section 10.2.2 of [ref 1] AT Attachment with Packet Interface Extension (ATA/ATAPI-5) for more detail.
10.0
Appendix
This is a pin translation of SL11RIDE signals to 36, 44, 50, and 68 of the Storage Device Class, which is based on the latest AT
Attachment specification and Compact Flash Specification Version 1.4.
These signals connect directly to the ATAPI/IDE devices. If you intend to design for a long IDE cable, then you have to use RC
Termination. See [ref 1] AT Attachment with Packet Interface Extension (ATA/ATAPI-5).
10.1
SL11RIDE Pin Translation: 36-Pin–40-Pin Signals
Parameter
Description
Min.
Typical
Max.
VCC
Operating Voltage Range
5.5V
tRPU
Time Reset Pull up
150 ms
Vmax
Voltage reach max
VDD – 0.7V
VRH
Voltage Reset High
3.0V
treset
nRESET Pulse width
16 clocks
tioact
nRESET high to nRD
16 clocks
Table 10-1. 36-pin to 40-pin Interface Signals
SL11RIDE Signal
36-Pin Signal
36-Pin
Translates
40-Pin
GND
GND
1
→
2
nRESET
RESET
2
→
1
D8
D8
3
→
4
D7
D7
4
→
3
D9
D9
5
→
6
D6
D6
6
→
5
D10
D10
7
→
8
6/5,'( Microcontroller
0&
3

5(6(7
9&&
*1'
 µ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com