Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 15Page - Cypress Semiconductor SL11RIDE Datasheet HTML 16Page - Cypress Semiconductor SL11RIDE Datasheet HTML 17Page - Cypress Semiconductor SL11RIDE Datasheet HTML 18Page - Cypress Semiconductor SL11RIDE Datasheet HTML 19Page - Cypress Semiconductor SL11RIDE Datasheet HTML 20Page - Cypress Semiconductor SL11RIDE Datasheet HTML 21Page - Cypress Semiconductor SL11RIDE Datasheet HTML 22Page - Cypress Semiconductor SL11RIDE Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 19 of 27
Notes:
12. A—F: Pins that are additional to those of the 40-pin connector.
13. The Key pin must be not connected.
14. CSEL connect to GND for default Master and Slave modes.
15. These signals need a 10k pull-up.
10.3
SL11RIDE Pin Translation: 40-Pin–50-Pin SLIM Connector
The SLIM connector is a new connector that is used for CD-ROM, CD-RW, and ZIP drives.
DD6
5
6
DD9
DD5
7
8
DD10
DD4
9
10
DD11
DD3
11
12
DD12
DD2
13
14
DD13
DD1
15
16
DD14
DD0
17
18
DD15
GND
19
20
Key[13]
DMARQ[15]
21
22
GND
IOWD
23
24
GND
IORD
25
26
GND
IORDY[15]
27
28
CSEL[14]
DMACK[15]
29
30
GND
INTRQ
31
32
IOCS16[15]
DA1
33
34
PDIAG[15]
DA0
35
36
DA2
CS0
37
38
CS1
DASP
39
40
GND
+5V
41
42
+5V
GND
43
44
TYPE
Table 10-3. SL11RIDE Pin Translation: 40-Pin–50-Pin SLIM Signals
SL11RIDE Signals
SLIM Signals
Pin
Pin
SLIM Signals
SL11RIDE Signals
NC
LOUT
1
2
ROUT
NC
GND
AGND
3
4
NC
NC
nRESET
RESET
5
6
DD8
D8
D7
DD7
7
8
DD9
D9
D6
DD6
9
10
DD10
D10
D5
DD5
11
12
DD11
D11
D4
DD4
13
14
DD12
D12
D3
DD3
15
16
DD13
D13
D2
DD2
17
18
DD14
D14
D1
DD1
19
20
DD15
D15
D0
DD0
21
22
DMARQ
PU[7]
Table 10-2. SL11RIDE Pin Translation: 40-Pin–44-Pin Signals (continued)
IDE Signal
Pin
Pin
IDE Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com