Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 19Page - Cypress Semiconductor SL11RIDE Datasheet HTML 20Page - Cypress Semiconductor SL11RIDE Datasheet HTML 21Page - Cypress Semiconductor SL11RIDE Datasheet HTML 22Page - Cypress Semiconductor SL11RIDE Datasheet HTML 23Page - Cypress Semiconductor SL11RIDE Datasheet HTML 24Page - Cypress Semiconductor SL11RIDE Datasheet HTML 25Page - Cypress Semiconductor SL11RIDE Datasheet HTML 26Page - Cypress Semiconductor SL11RIDE Datasheet HTML 27Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 25 of 27
Figure 10-1. Compact Flash Design Note
10.8
CPU Speed Control
10.8.1
Speed Control Register (0xC008: R/W)
The Speed Control Register allows the SL11R processor to operate at a number of speed selections. A four-bit divider (SPD3-0
+ 1) selects the speed as shown below. Speed will also depend on the clock multiplier. See Configuration Register (0xC006: R/W)
for more information.
D3-D0
SPD3-SPD0
Speed selection bits
Table 10-6. Power Switch Operation
Power switch operation
PWC Signal
PVCC Output
High
OFF
Low
ON
Table 10-7. Compact Flash Design
Name
Description
VCC
+5V from USB Power or external power
RPU
10-k
Ω pull-up resistor
RPURS
10-k
Ω pull-up resistor
RRS
1-k
Ω series resistor (This depends on transistor requirement)
CD_DET
Card detection uses to detect card present or not. It need 10k pull-up to +3.3VDC.
PWC_RESET
Hardware Reset to the card after power on
PWC
Power control use to turn power on/off when the card insert/remove
PVCC
Power supply to Compact Flash. It must provide enough current and voltage to the card.
D15-D4
D3
D2
D1
D0
0
SPD3
SPD2
SPD1
SPD0
12K
+
10
µF
220
MMBT2907A
VCC
0.1
µF
CFVCC
FROM SL11RIDE
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com