Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 2Page - Cypress Semiconductor SL11RIDE Datasheet HTML 3Page - Cypress Semiconductor SL11RIDE Datasheet HTML 4Page - Cypress Semiconductor SL11RIDE Datasheet HTML 5Page - Cypress Semiconductor SL11RIDE Datasheet HTML 6Page - Cypress Semiconductor SL11RIDE Datasheet HTML 7Page - Cypress Semiconductor SL11RIDE Datasheet HTML 8Page - Cypress Semiconductor SL11RIDE Datasheet HTML 9Page - Cypress Semiconductor SL11RIDE Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 6 of 27
Max at 4 MHz CPU speed: 4.0 mA (USB is on)
Max at 32 MHz CPU speed: 25.0 mA (USB is on)
Max at 48 MHz CPU speed: 30.0 mA (USB is on)
4.5
Functions for Suspend, Resume, and Low-Power modes
The SL11RIDE’s CPU supports suspend, resume, and CPU low power mode. The SL11RIDE BIOS assigns USBPU for the USB
DATA+ line pull-up, which simulates USB cable removal or insertion while USB power is still applied to the board.
Figure 4-1. USBPU Pull-up Connection Example
4.6
PLL Clock Generator
A 48-MHz external crystal can be used with the SL11RIDE. Two pins, X1 and X2, are provided to connect a low-cost crystal circuit
to the device. Circuitry is provided to generate the internal clock requirements of the device. If an external 48-MHz clock is available
in the application, it may be used instead of the crystal circuit by connecting directly to the X1 input pin.
Figure 4-2. Full-Speed 48-MHz Crystal Circuit
36
Ω
36
Ω
USBPU
1.5 k
Ω
USB type B Connector
1
2
3
4
VCC
D-
D+
GND
X2
Rs
100
Lin
3.3
µH
X1
Cbk
0.01
µuF
Rf
1M
X1
48 MHz, series, 20-pF load
Cout
22 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com