Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 11Page - Cypress Semiconductor SL11RIDE Datasheet HTML 12Page - Cypress Semiconductor SL11RIDE Datasheet HTML 13Page - Cypress Semiconductor SL11RIDE Datasheet HTML 14Page - Cypress Semiconductor SL11RIDE Datasheet HTML 15Page - Cypress Semiconductor SL11RIDE Datasheet HTML 16Page - Cypress Semiconductor SL11RIDE Datasheet HTML 17Page - Cypress Semiconductor SL11RIDE Datasheet HTML 18Page - Cypress Semiconductor SL11RIDE Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 15 of 27
8.3
Package Markings
YYWW = Date code
XXXX = Product code
9.0
Electrical Specification
9.1
Absolute Maximum Ratings
This section lists the absolute maximum ratings of the SL11RIDE. Stresses above those listed can cause permanent damage to
the device. Exposure to maximum rated conditions for extended periods can affect device operation and reliability.
9.2
Recommended Operating Conditions
Storage Temperature
–40
°C to 125°C
Power Supply Voltage (VDD)
3.3V±10%
Power Supply Voltage (VDD1)
3.3V±10%
Parameter
Min.
Typical
Max
Power Supply Voltage, VDD
3.0V
3.3V
3.6V
Power Supply Voltage, VDD1
3.0V
3.6V
Operating Temperature
0
°C65°C
SL11R-IDE
YYWWSQFP-1.2
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com