Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 9Page - Cypress Semiconductor SL11RIDE Datasheet HTML 10Page - Cypress Semiconductor SL11RIDE Datasheet HTML 11Page - Cypress Semiconductor SL11RIDE Datasheet HTML 12Page - Cypress Semiconductor SL11RIDE Datasheet HTML 13Page - Cypress Semiconductor SL11RIDE Datasheet HTML 14Page - Cypress Semiconductor SL11RIDE Datasheet HTML 15Page - Cypress Semiconductor SL11RIDE Datasheet HTML 16Page - Cypress Semiconductor SL11RIDE Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 13 of 27
Notes:
1.
All +3.3VDC must use a 0.1-
µF bypass capacitor and these capacitors must be placed near the SL11RIDE chip.
2.
48-MHz Crystal or oscillator has to use a capacitor 0.1
µF to filter output signals. It must be placed at least ¾” from 3.3V, 5.0V or a USB connector
3.
All pins not shown (NC pins and reserved pins) should not be connected or used for other purposes.
4.
This signal requires a 1- to 5-k
Ω pull-up.
5.
GPIO26: This signal can be used for device low power mode. It will turn off or disable external powers to the peripheral in suspend mode. Once USB power is
resumed, external power can be enabled again
6.
GPIO25 can be used as INTRQ/HW_RESET/RB and GPIO24 can be used as DASP/WP signals. These signals are used for CF and Smart Media to exchange
media cards or insert/remove media while power is still supplied to the board.
D10
GPIO10
85
Bidir
DATA port bit 10
D9
GPIO9
86
Bidir
DATA port bit 9
VDD1
87
87
Power
USB +3.3 VDC Supply[1]
DATA+
88
88
Bidir
USB Differential DATA Signal High Side.
DATA-
89
89
Bidir
USB Differential DATA Signal Low Side.
USB_GND
90
90
GND
USB Digital Ground.
D8
GPIO8
91
Bidir
DATA port bit 8
D7
GPIO7
92
Bidir
DATA port bit 7
D6
GPIO6
93
Bidir
DATA port bit 6
D5
GPIO5
94
Bidir
DATA port bit 5
D4
GPIO4
95
Bidir
DATA port bit 4
D3
GPIO3
96
Bidir
DATA port bit 3
D2
GPIO2
97
Bidir
DATA port bit 2
D1
GPIO1
98
Bidir
DATA port bit 1
D0
GPIO0
99
Bidir
DATA port bit 0
VDD
100
100
Power
+3.3 VDC Supply[1]
Pin Assignment and Description (continued)
Pin Name
GPIO name
Pin No.
Pin Type
SL11RIDE Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com