Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 5Page - Cypress Semiconductor SL11RIDE Datasheet HTML 6Page - Cypress Semiconductor SL11RIDE Datasheet HTML 7Page - Cypress Semiconductor SL11RIDE Datasheet HTML 8Page - Cypress Semiconductor SL11RIDE Datasheet HTML 9Page - Cypress Semiconductor SL11RIDE Datasheet HTML 10Page - Cypress Semiconductor SL11RIDE Datasheet HTML 11Page - Cypress Semiconductor SL11RIDE Datasheet HTML 12Page - Cypress Semiconductor SL11RIDE Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 9 of 27
Figure 5-2. Multi-portable Drivers
Note:
• These devices must be self-powered since the Hub cannot provide enough current to each ATAPI/IDE device.
• We recommend that a PC for this configuration be at least a 300-MHz Pentium® II with 64 Mbyte RAM
6.0
Firmware Download
6.1
How to Update the SL11RIDE Firmware
The firmware on the EEPROM doesn’t have to be changed after it is downloaded for the first time. If it needs to be changed during
testing or for future firmware updates, this can be done from a PC using the USB port. The need to change firmware to switch
between an ATAPI device and an IDE device will be removed in a future release.
6.2
The QTUI2C Program
6.2.1
Overview
The QTUI2C program is used to program the I2C EEPROM that is externally connected to the SL11RIDE chip. This allows
programming the I2C with data alone, such as the USB data descriptors. The SL11RIDE will scan the I2C for a valid signature
before attempting to load the code and/or data to the internal/external RAM.
To program the file, the input filename without the extension is required. The QTUI2C will create a file “MAKEENH.BIN” based
on the Object input file. This “MAKEENH.BIN” file will contain the fix-up (.bin) information and it will have a proper format that is
defined on the SL11RIDE BIOS specification.
6.2.2
Usage
QTUI2C
<filename | filename.bin>
PC
WIN98/2000
OS
+8%
3RUW3RUW 3RUW3RUW3RUW
3RUW
3RUW
+''
&)
&'5:
02
/6
&'
0286(
Cˆir…
†ˆƒƒy’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com