Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 17Page - Cypress Semiconductor SL11RIDE Datasheet HTML 18Page - Cypress Semiconductor SL11RIDE Datasheet HTML 19Page - Cypress Semiconductor SL11RIDE Datasheet HTML 20Page - Cypress Semiconductor SL11RIDE Datasheet HTML 21Page - Cypress Semiconductor SL11RIDE Datasheet HTML 22Page - Cypress Semiconductor SL11RIDE Datasheet HTML 23Page - Cypress Semiconductor SL11RIDE Datasheet HTML 24Page - Cypress Semiconductor SL11RIDE Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 21 of 27
Notes:
17. PVCC= 5VDC from power switch
IORD
IORI
29
30
GND
GND
PU
IOCHROYI
31
32
CESEL
GND with 22
PU
DACK1
33
34
GND
GND
INTRQ
IA01
35
36
IOCSI61
PU
A1
HA10
37
38
POIAG
PU
A0
HA00
39
40
HA20
A2
CS0
HCS00
41
42
HCS10
CS1
DASP
DASPI
43
44
GND
GND
VCC
VCC
45
46
GND
GND
GND with 22
TXD
47
48
RXD
GND with 22
GND with 22
ATA MODE
49
50
STATUS LED
Note 7
SL11RIDE Signals
CF Signals
Pin
Pin
CF Signals
SL11RIDE Signals
GND
GND
1
2
D3
D3
D4
D4
3
4
D5
D5
D6
D6
5
6
D7
D7
CS0
CE1
7
8
A10
GND
GND
OE
9
10
A9
GND
GND
A8
11
12
A7
GND
PVCC[17]
VCC
13
14
A6
GND
GND
A5
15
16
A4
GND
GND
A3
17
18
A2
A2
A1
A1
19
20
A0
A0
D0
D0
21
22
D1
D1
D2
D2
23
24
IOSI16
PU[7]
GND
CD2
25
26
CD1
C_DET
D11
D11
27
28
D12
D12
D13
D13
29
30
D14
D14
D15
D15
31
32
CE2
PU[7]
GND
VS1
33
34
IORD
IORD
IOWD
IOWR
35
36
WE
PVCC[17]
PU[7]
IREQ
37
38
VCC
PVCC[17]
PD[14]
CSEL
39
40
VS2
GND
PWC_RESET
RESET
41
42
WAIT
PU[7]
Not Connect
INPACK
43
44
REG
PU[7]
PU[7]
BVD2
45
46
BVD1
PU[7]
D8
D8
47
48
D9
D9
D10
D10
49
50
GND
GND
Table 10-4. SL11RIDE Pin Translation: 40-Pin–50-Pin Signals (continued)
SL11RIDE Pin
CLIK Signal
Pin
Pin
CLIK Signal
SL11RIDE Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com