Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 16Page - Cypress Semiconductor SL11RIDE Datasheet HTML 17Page - Cypress Semiconductor SL11RIDE Datasheet HTML 18Page - Cypress Semiconductor SL11RIDE Datasheet HTML 19Page - Cypress Semiconductor SL11RIDE Datasheet HTML 20Page - Cypress Semiconductor SL11RIDE Datasheet HTML 21Page - Cypress Semiconductor SL11RIDE Datasheet HTML 22Page - Cypress Semiconductor SL11RIDE Datasheet HTML 23Page - Cypress Semiconductor SL11RIDE Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 20 of 27
Note:
16. PD: CSEL connect to GND for Master and Slave mode
10.4
CLIK 50-Pin Connect with SL11RIDE
The CLIK can connect directly to the SL11RIDE chip for integration solution or can interface with the SL11RIDE via a PCMCIA
card.
Note:
• User can define STATUS LED.
10.5
SL11RIDE Pin Translation: 40-Pin–50-Pin CF Card Signals
GND
GND
23
24
DIOR–
IORD
IOWD
DIOW
25
26
GND
GND
PU[7]
IORDY
27
28
DMACK
PU[7]
INTRQ
INTRQ
29
30
IOCS16
PU[7]
A1
DA1
31
32
PDIAG
PU[7]
A0
DA0
33
34
DA2
A2
CS0
CS0
35
36
CS1–
CS1
DASP
DASP
37
38
+5V
VCC
VCC
+5V
39
40
+5V
VCC
VCC
+5V
41
42
+5V
VCC
GND
GND
43
44
GND
GND
GND
GND
45
46
GND
GND
PD[16]
CSEL
47
48
GND
GND
NC
Reserved
49
50
Reserved
NC
Table 10-4. SL11RIDE Pin Translation: 40-Pin–50-Pin Signals
SL11RIDE Pin
CLIK Signal
Pin
Pin
CLIK Signal
SL11RIDE Pin
VCC
VCC
12
GND
GND
VCC
5V
3
4
GND
GND
nRESET
HRSTD
5
6
X
X
D7
HDD7
7
8
HDD8
D8
D6
HDD6
9
10-
HDD9
D9
D5
HDD5
11
12
HDD10
D10
D4
HDD4
13
14
HDD11
D11
D3
HDD3
15
16
HDD12
D12
D2
HDD2
17
18
HDD13
D13
D1
HDD1
19
20
HDD14
D14
D0
HDD0
21
22
HDD15
D15
GND
GND
23
24
KEYED
NC
PU
DREOO
25
26
GND
GND
IOWD
IOWI
27
28
GND
GND
Table 10-3. SL11RIDE Pin Translation: 40-Pin–50-Pin SLIM Signals (continued)
SL11RIDE Signals
SLIM Signals
Pin
Pin
SLIM Signals
SL11RIDE Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com