Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 6Page - Cypress Semiconductor SL11RIDE Datasheet HTML 7Page - Cypress Semiconductor SL11RIDE Datasheet HTML 8Page - Cypress Semiconductor SL11RIDE Datasheet HTML 9Page - Cypress Semiconductor SL11RIDE Datasheet HTML 10Page - Cypress Semiconductor SL11RIDE Datasheet HTML 11Page - Cypress Semiconductor SL11RIDE Datasheet HTML 12Page - Cypress Semiconductor SL11RIDE Datasheet HTML 13Page - Cypress Semiconductor SL11RIDE Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 10 of 27
Where:
<Filename> is the output file without extension.
<filename.bin> is the output file with (.bin) extension.
Note:
This program is only used when the I2C is connected to the SL11RIDE chip.
Under Windows, if the EEPROM already has a version of the SL11RIDE firmware programmed, it will be necessary to remove
the Bulk-Only hard disk controller from the Device Manager before this program can be used.
After this program completes, at any subsequent boot up, the SL11RIDE firmware will automatically scan the I2C and load the
code from the I2C into internal/external RAM. However, if the I2C was corrupted, it sometimes causes an unexpected error on
USB communication ports.
6.2.3
How to use QTUI2C.EXE
The QTOOLS utilities are in directory C:\Program Files\ScanLogic\USB2IDE\bin.
• qtui2c zero.bin
; You need to erase all program from I2C each time you download a new program.
• qtui2c cidexxx.bin
; Program ATAPI and IDE firmware into I2C
7.0
Mass Production Download EEPROM (I2C)
7.1
ToHex
7.1.1
Overview
This program converts the Binary output file (. bin) to the INTEL HEX format. This INTEL HEX format will be used for programming
the PROM on the DATAIO.
7.1.2
Usage
TOHEX <infilespec.bin> <outfilespec [HEX]> [offset, default=0x0000] [h|l]
Where:
Infilespec.bin
is the Binary output file produced by the QTASM
Outfilespec.hex
is the INTEL HEX output file produced by the TOHEX program
Offset
is valid from 0x0000 to 0xFFFF. Default is 0x0000.
[h|l]
‘h’ is selected HIGH PROM output file. ‘l’ is selected LOW PROM output file. Without this input the
default INTEL HEX output file will be stored into the single 8-bit PROM.
7.1.3
Example
TOHEX
cidexxx.bin cidexxx.hex
; Create INTEL HEX format for ATAPI device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com