Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 12Page - Cypress Semiconductor SL11RIDE Datasheet HTML 13Page - Cypress Semiconductor SL11RIDE Datasheet HTML 14Page - Cypress Semiconductor SL11RIDE Datasheet HTML 15Page - Cypress Semiconductor SL11RIDE Datasheet HTML 16Page - Cypress Semiconductor SL11RIDE Datasheet HTML 17Page - Cypress Semiconductor SL11RIDE Datasheet HTML 18Page - Cypress Semiconductor SL11RIDE Datasheet HTML 19Page - Cypress Semiconductor SL11RIDE Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 16 of 27
9.3
Crystal Requirements (XTAL1, XTAL2)
9.4
SL11RIDE USB Transceiver Characteristics
Notes:
10. All typical values are VDD2 = 3.3 V and TAMB= 25°C.
11. ZUSBX Impedance Values includes an external resistor of 24 -- 43 Ohms ± 1%
9.5
SL11RIDE Reset Timing
The nRESET signal from the SL11RIDE chip resets the disk drive. It forces an initialization to occur identical to that after power-up.
Crystal Requirements,
(XTAL1, XTAL2)
Min.
Typical
Max.
Operating Temperature Range
0
°C65°C
Series Resonant Frequency
48 MHz
Frequency Drift over Temperature
±20 ppm
Temperature Stability
±100 ppm
Accuracy of Adjustment
±30 ppm
Mode of Vibration 3rd Overtone
Series Resistance
100
Ω
Load Capacitance
20 pF
Shunt Capacitance
3 pF
7 pF
Driver Level
20
µW5 mW
Parameter
Description
Min.
Typical[10]
Max.
VIHYS
Hysteresis On Input (Data+, Data–)
0.1V
200 mV
VUSBIH
USB Input Voltage HIGH
1.5V
2.0V
VUSBIL
USB Input Voltage LOW
0.8V
1.3V
VUSBOH
USB Output Voltage HIGH
2.2V
VUSBOL
USB Output Voltage LOW
0.7V
ZUSBH
[11]
Output Impedance HIGH STATE
24
Ω
43
Ω
ZUSBL
[11]
Output Impedance LOW STATE
24
Ω
43
Ω
IUSB
Transceiver Supply p-p Current
(3.3V)
< 220
µA
nRESET
treset
nRD or nWR
tioact
RESET TIMING
V max
V RH
t RPU
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com