Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 14Page - Cypress Semiconductor SL11RIDE Datasheet HTML 15Page - Cypress Semiconductor SL11RIDE Datasheet HTML 16Page - Cypress Semiconductor SL11RIDE Datasheet HTML 17Page - Cypress Semiconductor SL11RIDE Datasheet HTML 18Page - Cypress Semiconductor SL11RIDE Datasheet HTML 19Page - Cypress Semiconductor SL11RIDE Datasheet HTML 20Page - Cypress Semiconductor SL11RIDE Datasheet HTML 21Page - Cypress Semiconductor SL11RIDE Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 18 of 27
10.2
SL11RIDE Pin Translation: 40-Pin–44-Pin Signals
D5
D5
8
→
7
D11
D11
9
→
10
D4
D4
10
→
9
D12
D12
11
→
12
D3
D3
12
→
11
D13
D13
13
→
14
D2
D2
14
→
13
D14
D14
15
→
16
D1
D1
16
→
15
D15
D15
17
→
18
D0
D0
18
→
35
PU[7]
DMARQ
19
NC
IOWD
IOWR
20
→
23
IORD
IORD
21
→
25
PU[7]
IORDY
22
→
27
PU[7]
DMACK
23
NC
INTRQ
IRQ
24
→
31
PU[7]
IOCS16
25
→
32
A1
A1
26
→
33
GND
GND
27
→
19
A0
A0
28
→
35
A2
A2
29
→
36
CS0
CS0
30
→
37
CS1
CS1
31
→
38
GND
GND
32
→
22
VCC
+5V
33
VCC
GND
GND
34
→
24
VCC
+5V
35
→
VCC
GND
GND
36
→
26
Table 10-2. SL11RIDE Pin Translation: 40-Pin–44-Pin Signals
IDE Signal
Pin
Pin
IDE Signal
A
B
(See Note 12)
C
D
(See Note 12)
E
F
(See Note 12)
nRESET
1
2
GND
DD7
3
4
DD8
Table 10-1. 36-pin to 40-pin Interface Signals (continued)
SL11RIDE Signal
36-Pin Signal
36-Pin
Translates
40-Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com