Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL11RIDE Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # SL11RIDE
Description  USB to IDE/ATAPI Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11RIDE Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button SL11RIDE Datasheet HTML 4Page - Cypress Semiconductor SL11RIDE Datasheet HTML 5Page - Cypress Semiconductor SL11RIDE Datasheet HTML 6Page - Cypress Semiconductor SL11RIDE Datasheet HTML 7Page - Cypress Semiconductor SL11RIDE Datasheet HTML 8Page - Cypress Semiconductor SL11RIDE Datasheet HTML 9Page - Cypress Semiconductor SL11RIDE Datasheet HTML 10Page - Cypress Semiconductor SL11RIDE Datasheet HTML 11Page - Cypress Semiconductor SL11RIDE Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SL11RIDE
Document #: 38-08007 Rev. **
Page 8 of 27
5.1
Overview
This document provides a complete outline description of the SL11RIDE firmware and host mini-port driver under Win98/2000,
which supports Bulk Only Transport between host PC and SL11RIDE. See Figure 5-1 for details.
Figure 5-1. General Views
5.2
ATAPI/IDE Firmware
SL11RIDE’s firmware supports both ATAPI and IDE devices. The firmware is USB Mass Storage Class compliant, which supports
multiple Operating Systems such as Windows®98/2000 and Mac.
5.3
Windows® Host Drivers
The WDM and MPD device drivers operate under Windows 98. Win2000 doesn’t need any special drivers. See Table 5-1 for
more detail.
5.4
Mac Host Drivers
Cypress does not support end-user firmware updates under the Mac OS. OEM customers must download firmware from
MS-DOS.
5.5
Multi Port Driver Support
Currently SL11RIDE mini-port driver is a multi-device driver for ATAPI/IDE peripherals. This driver supports up to 7 ATAPI/IDE
devices, which connect via a USB Hub. See Figure 5-2 for details.
Table 5-1. Windows Host Software OS Compatibility
Operation System
USB
Note
Windows98
÷
First Edition from Microsoft
Windows98SE
√
Second Edition from Microsoft
Window2000
÷
WIN2000 beta from Microsoft
Windows NT
--
NT 4.0 does not support USB
Table 5-2. Mac Host Software OS Compatibility
Operating System
USB
Note
G3: OS8.6, OS9
÷
G3
iMAC: OS8.6, OS9
--
iMAC
Laptop: OS8.6, OS9
--
G3 Laptop
86%
Host USB PC
86%
3RUW
SL11RIDE
External ATAPI/IDE
Peripherals
Scanlogic USB to ATAPI/IDE System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com