Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 35 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD6679 Datasheet HTML 31Page - Analog Devices AD6679 Datasheet HTML 32Page - Analog Devices AD6679 Datasheet HTML 33Page - Analog Devices AD6679 Datasheet HTML 34Page - Analog Devices AD6679 Datasheet HTML 35Page - Analog Devices AD6679 Datasheet HTML 36Page - Analog Devices AD6679 Datasheet HTML 37Page - Analog Devices AD6679 Datasheet HTML 38Page - Analog Devices AD6679 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
Data Sheet
AD6679
Rev. B | Page 35 of 81
45
50
55
60
65
70
75
1M
10M
100M
1G
10G
INPUT FREQUENCY (Hz)
25fs
50fs
75fs
100fs
125fs
150fs
175fs
200fs
Figure 58. Estimated SNR Degradation for the AD6679 vs.
Input Frequency and Jitter
POWER-DOWN/STANDBY MODE
The AD6679 has a PDWN/STBY pin that configures the device
in power-down or standby mode. The default operation is the
power-down function. The PDWN/STBY pin is a logic high
pin. The power-down option can also be set via Register 0x03F
and Register 0x040.
TEMPERATURE DIODE
The AD6679 contains a diode-based temperature sensor for
measuring the temperature of the die. This diode can output a
voltage and serve as a coarse temperature sensor to monitor the
internal die temperature.
The temperature diode voltage can be output to the FD_A pin
using the SPI. Use Register 0x028, Bit 0, to enable or disable the
diode. Register 0x028 is a local register. Channel A must be
selected in the device index register (Register 0x008) to enable
the temperature diode readout. Configure the FD_A pin to
output the diode voltage by programming Register 0x040,
Bits[2:0]. See Table 41 for more information.
The voltage response of the temperature diode (with SPIVDD =
1.8 V) is shown in Figure 59.
TEMPERATURE (°C)
0.60
0.65
0.70
0.75
0.80
0.85
0.90
–55 –45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95 105 115 125
Figure 59. Temperature Diode Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com