Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 28 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6679 Datasheet HTML 24Page - Analog Devices AD6679 Datasheet HTML 25Page - Analog Devices AD6679 Datasheet HTML 26Page - Analog Devices AD6679 Datasheet HTML 27Page - Analog Devices AD6679 Datasheet HTML 28Page - Analog Devices AD6679 Datasheet HTML 29Page - Analog Devices AD6679 Datasheet HTML 30Page - Analog Devices AD6679 Datasheet HTML 31Page - Analog Devices AD6679 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 28 of 81
EQUIVALENT CIRCUITS
AIN
CONTROL
(SPI)
10pF
VIN+x
VIN–x
AVDD3
AVDD3
AVDD3
VCM
BUFFER
400Ω
AVDD3
AVDD3
1.5pF
3pF
1.5pF
3pF
Figure 33. Analog Inputs
CLK+
CLK–
AVDD1
25Ω
AVDD1
25Ω
20kΩ
20kΩ
VCM = 0.85V
Figure 34. Clock Inputs
SYNC+
AVDD1
1kΩ
SYNC–
AVDD1
1kΩ
20kΩ
20kΩ
LEVEL
TRANSLATOR
VCM = 0.85V
Figure 35. SYNC± Inputs
DRVDD
DRGND
DRVDD
DRGND
OUTPUT
DRIVER
SWING CONTROL
(SPI)
DATA+
DATA–
D0+ TO D13+;
A Dx/Dy+ AND B Dx/Dy+;
DATA0+ TO DATA7+
D0– TO D13–;
A Dx/Dy– AND B Dx/Dy–;
DATA0– TO DATA7–
Figure 36. Digital Outputs
30kΩ
SPIVDD
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
SCLK
Figure 37. SCLK Inputs
30kΩ
ESD
PROTECTED
ESD
PROTECTED
1kΩ
SPIVDD
CSB
Figure 38. CSB Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com