Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6679 Datasheet HTML 9Page - Analog Devices AD6679 Datasheet HTML 10Page - Analog Devices AD6679 Datasheet HTML 11Page - Analog Devices AD6679 Datasheet HTML 12Page - Analog Devices AD6679 Datasheet HTML 13Page - Analog Devices AD6679 Datasheet HTML 14Page - Analog Devices AD6679 Datasheet HTML 15Page - Analog Devices AD6679 Datasheet HTML 16Page - Analog Devices AD6679 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
Data Sheet
AD6679
Rev. B | Page 13 of 81
CLK+
DCO± (DATA CLOCK OUTPUT)
0° PHASE ADJUST
DCO± (DATA CLOCK OUTPUT)
180° PHASE ADJUST
SYNC+
APERTURE DELAY
N
N + x
N + 33
N + 34
N + 35
A D12/D13±
A D0/D1±
B D12/D13±
B D0/D1±
CONVERTERS
SAMPLE
[N]
VIN±x
OVR
OVR
OVR
OVR
OVR
OVR
OVR
OVR
CLK–
SYNC–
OVR+
(OVERRANGE/STATUS BIT)
OVR–
tCLK
tCH
tDCO
tPD
tSKEWF
tSKEWR
CONVERTERS
SAMPLE
[N]
CONVERTERS
SAMPLE
[N + 1]
CONVERTERS
SAMPLE
[N + 1]
CONVERTERS
SAMPLE
[N + 2]
SYNCHRONOUS LOW TO HIGH TRANSITION OF THE SYNC SIGNAL CAPTURED ON THE RISING EDGE OF
THE CLK SIGNAL CAUSES THE DCO INTERNAL DIVIDER TO BE RESET
S[N – y]
(ODD BITS)
S[N]
(ODD BITS)
S[N – x]
(EVEN BITS)
S[N]
(EVEN BITS)
S[N + 1]
(ODD BITS)
S[N + 1]
(EVEN BITS)
S[N + 2]
(EVEN BITS)
S[N – 1]
(ODD BITS)
S[N – y]
(ODD BITS)
S[N]
(ODD BITS)
S[N – x]
(EVEN BITS)
S[N]
(EVEN BITS)
S[N + 1]
(ODD BITS)
S[N + 1]
(EVEN BITS)
S[N + 2]
(EVEN BITS)
S[N – 1]
(ODD BITS)
STATUS BIT SELECTED BY
OUTPUT MODE CONTROL 1 BITS, REGISTER 0x559[2:0]
IN THE REGISTER MAP
Figure 7. Channel Multiplexed (Even/Odd) Mode—Two Virtual Converters (Decimate by 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com