Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 72 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD6679 Datasheet HTML 68Page - Analog Devices AD6679 Datasheet HTML 69Page - Analog Devices AD6679 Datasheet HTML 70Page - Analog Devices AD6679 Datasheet HTML 71Page - Analog Devices AD6679 Datasheet HTML 72Page - Analog Devices AD6679 Datasheet HTML 73Page - Analog Devices AD6679 Datasheet HTML 74Page - Analog Devices AD6679 Datasheet HTML 75Page - Analog Devices AD6679 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 72 of 81
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Notes
0x040
Chip pin control
PDWN/STBY function
00 = power down
01 = standby
10 = disabled
Fast Detect B (FD_B)
000 = Fast Detect B output
111 = disabled
Fast Detect A (FD_A)
000 = Fast Detect A output
011 = temperature diode
111 = disabled
0x3F
0x10B
Clock divider
0
0
0
0
0
000 = divide by 1
001 = divide by 2
011 = divide by 4
111 = divide by 8
0x00
0x10C
Clock divider phase
(local)
0
0
0
0
Independently controls Channel A and
Channel B clock divider phase offset
0000 = 0 input clock cycles delayed
0001 = ½ input clock cycles delayed
0010 = 1 input clock cycles delayed
0011 = 1½ input clock cycles delayed
0100 = 2 input clock cycles delayed
0101 = 2½ input clock cycles delayed
…
1111 = 7½ input clock cycles delayed
0x00
0x10D
Clock divider and
SYNC± control
Clock
divider
auto-
phase
adjust
0 =
disabled
1 =
enabled
0
0
0
Clock divider
negative skew
window
00 = no negative
skew
01 = 1 device clock of
negative skew
10 = 2 device clocks
of negative skew
11 = 3 device clocks
of negative skew
Clock divider positive
skew window
00 = no positive skew
01 = 1 device clock of
positive skew
10 = 2 device clocks
of positive skew
11 = 3 device clocks
of positive skew
0x00
Clock
divider
must be
>1
0x117
Clock delay control
0
0
0
0
0
0
0
Clock fine
delay
adjust
enable
0 =
disabled
1 =
enabled
0x00
Enabling
the clock
fine
delay
adjust
causes a
data-
path
soft
reset
0x118
Clock fine delay
Clock Fine Delay Adjust[7:0]
Twos complement coded control to adjust the fine sample clock skew in ~1.7 ps steps
≤−88 = −151.7 ps skew
−87 = −150.0 ps skew
…
0 = 0 ps skew
…
≥ +87 = +150 ps skew
0x00
Used in
con-
junction
with
Reg.
0x117
0x11C
Clock status
0
0
0
0
0
0
0
0 = no
input
clock
detected
1 = input
clock
detected
0x00
Read
only
0x120
SYNC± Control 1
0
0
0
SYNC±
transition
select
0 = low to
high
1 = high to
low
CLK±
edge
select
0 =
rising
1 =
falling
SYNC± mode select
00 = disabled
01 = continuous
10 = N shot
0
0x00
0x121
SYNC± Control 2
0
0
0
0
SYNC± N-shot ignore counter select
0000 = next SYNC± only
0001 = ignore the first SYNC± transitions
0010 = ignore the first two SYNC± transitions
…
1111 = ignore the first 16 SYNC± transitions
0x00
Mode
select
(Reg.
0x120,
Bits[2:1])
must be
N-shot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com