Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 69 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD6679 Datasheet HTML 65Page - Analog Devices AD6679 Datasheet HTML 66Page - Analog Devices AD6679 Datasheet HTML 67Page - Analog Devices AD6679 Datasheet HTML 68Page - Analog Devices AD6679 Datasheet HTML 69Page - Analog Devices AD6679 Datasheet HTML 70Page - Analog Devices AD6679 Datasheet HTML 71Page - Analog Devices AD6679 Datasheet HTML 72Page - Analog Devices AD6679 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
Data Sheet
AD6679
Rev. B | Page 69 of 81
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into seven sections: the
Analog Devices, Inc., SPI registers, the analog input buffer
control registers, ADC function registers, the DDC function
registers, NSR decimate by 2 and noise shaping requantizer
registers, variable dynamic range registers, and the digital
outputs and test modes registers.
Table 41 (see the Memory Map Register Table section)
documents the default hexadecimal value for each hexadecimal
address shown. The column with the heading Bit 7 (MSB) is the
start of the default hexadecimal value given. For example,
Address 0x561, the output format register, has a hexadecimal
default value of 0x01. This means that Bit 0 = 1, and the
remaining bits are 0s. This setting is the default output format
value, which is twos complement. For more information on this
function and others, see Table 41.
Open and Reserved Locations
All address and bit locations that are not included in Table 41
are not currently supported for this device. Write unused bits of
a valid address location with 0s unless the default value is set
otherwise. Writing to these locations is required only when part
of an address location is open (for example, Address 0x561). If
the entire address location is open (for example, Address 0x013),
do not write to this address location.
Default Values
After the AD6679 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table, Table 41.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
•
“X” denotes “don’t care”.
Channel Specific Registers
Some channel setup functions such as analog input differential
termination (Register 0x016) can be programmed to a different
value for each channel. In these cases, channel address locations
are internally duplicated for each channel. These registers and bits
are designated in Table 41 as local. These local registers and bits
can be accessed by setting the appropriate Channel A or
Channel B bits in Register 0x008. If both bits are set, the
subsequent write affects the registers of both channels. In a read
cycle, set only Channel A or Channel B to read one of the two
registers. If both bits are set during an SPI read cycle, the device
returns the value for Channel A. Registers and bits designated as
global in Table 41 affect the entire device and the channel features
for which independent settings are not allowed between
channels. The settings in Register 0x008 do not affect the global
registers and bits.
SPI Soft Reset
After issuing a soft reset by programming 0x81 to Register 0x000,
the AD6679 requires 5 ms to recover. Therefore, when program-
ming the AD6679 for application setup, ensure that an adequate
delay is programmed into the firmware after asserting the soft
reset and before starting the device setup.
Datapath Soft Reset
After programming the desired clock divider settings, changing
the input clock frequency, or glitching the input clock, a datapath
soft reset is recommended by writing 0x02 to Register 0x001.
This reset function restarts all the datapath and clock generation
circuitry in the device. The reset occurs on the first clock cycle
after the register is programmed and the device requires 5 ms to
recover. This reset does not affect the contents of the memory
map registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com