Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 41 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD6679 Datasheet HTML 37Page - Analog Devices AD6679 Datasheet HTML 38Page - Analog Devices AD6679 Datasheet HTML 39Page - Analog Devices AD6679 Datasheet HTML 40Page - Analog Devices AD6679 Datasheet HTML 41Page - Analog Devices AD6679 Datasheet HTML 42Page - Analog Devices AD6679 Datasheet HTML 43Page - Analog Devices AD6679 Datasheet HTML 44Page - Analog Devices AD6679 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
Data Sheet
AD6679
Rev. B | Page 41 of 81
NCO
+
MIXER
(OPTIONAL)
DDC 3
SYNC
REAL/I
REAL/Q
REAL/I
CONVERTER 6
Q CONVERTER 7
I
Q
NCO
+
MIXER
(OPTIONAL)
DDC 0
SYNC±
REAL/I
REAL/Q
REAL/I
CONVERTER 0
Q CONVERTER 1
I
Q
NCO
+
MIXER
(OPTIONAL)
DDC 1
SYNC±
REAL/I
REAL/Q
REAL/I
CONVERTER 2
Q CONVERTER 3
I
Q
NCO
+
MIXER
(OPTIONAL)
DDC 2
SYNC±
REAL/I
REAL/Q
REAL/I
CONVERTER 4
Q CONVERTER 5
I
Q
ADC
SAMPLING
AT
fS
REAL/I
ADC
SAMPLING
AT
fS
REAL/I
SYNCHRONIZATION
CONTROL CIRCUITS
SYNC±
Figure 63. DDC Detailed Block Diagram
Figure 64 shows an example usage of one of the four DDC
blocks with a real input signal and four half-band filters (HB4 +
HB3 + HB2 + HB1). It shows both complex (decimate by 16)
and real (decimate by 8) output options.
When DDCs have different decimation ratios, the chip
decimation ratio (Register 0x201) must be set to the lowest
decimation ratio of all the DDC blocks. In this scenario,
samples of higher decimation ratio DDCs are repeated to match
the chip decimation ratio sample rate. Whenever the NCO
frequency is set or changed, the DDC soft reset must be issued.
If the DDC soft reset is not issued, the output may potentially
show amplitude variations.
Table 13 through Table 17 show the DDC samples when the
chip decimation ratio is set to 1, 2, 4, 8, or 16, respectively.
When DDCs have different decimation ratios, the chip decimation
ratio must be set to the lowest decimation ratio of all the DDC
channels. In this scenario, samples of higher decimation ratio
DDCs are repeated to match the chip decimation ratio sample
rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com