Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 1 Page - Analog Devices

  AD6679 Datasheet HTML 1Page - Analog Devices AD6679 Datasheet HTML 2Page - Analog Devices AD6679 Datasheet HTML 3Page - Analog Devices AD6679 Datasheet HTML 4Page - Analog Devices AD6679 Datasheet HTML 5Page - Analog Devices AD6679 Datasheet HTML 6Page - Analog Devices AD6679 Datasheet HTML 7Page - Analog Devices AD6679 Datasheet HTML 8Page - Analog Devices AD6679 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
135 MHz BW IF Diversity Receiver
Data Sheet
AD6679
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Parallel LVDS (DDR) outputs
In-band SFDR = 82 dBFS at 340 MHz (500 MSPS)
In-band SNR = 67.8 dBFS at 340 MHz (500 MSPS)
1.1W total power per channel at 500 MSPS (default settings)
Noise density = −153 dBFS/Hz at 500 MSPS
1.25 V, 2.50 V, and 3.3 V dc supply operation
Flexible input range
1.46 V p-p to 2.06 V p-p (2.06 V p-p nominal)
95 dB channel isolation/crosstalk
Amplitude detect bits for efficient automatic gain control
(AGC) implementation
Noise shaping requantizer (NSR) option for main receiver
function
Variable dynamic range (VDR) option for digital
predistortion (DPD) function
2 integrated wideband digital processors per channel
12-bit numerically controlled oscillator (NCO), up to
4 cascaded half-band filters
Differential clock inputs
Integer clock divide by 1, 2, 4, or 8
Energy saving power-down modes
Small signal dither
APPLICATIONS
Diversity multiband, multimode digital receivers
3G/4G, TD-SCDMA, W-CDMA, GSM, LTE, LTE-A
DOCSIS 3.0 CMTS upstream receive paths
HFC digital reverse path receivers
GENERAL DESCRIPTION
The AD6679 is a 135 MHz bandwidth mixed-signal intermediate
frequency (IF) receiver. It consists of two, 14-bit, 500 MSPS
analog-to-digital converters (ADCs) and various digital signal
processing blocks consisting of four wideband DDCs, an NSR,
and VDR monitoring. It has an on-chip buffer and a sample-and-
hold circuit designed for low power, small size, and ease of use.
This product is designed to support communications applications
capable of sampling wide bandwidth analog signals of up to 2 GHz.
The AD6679 is optimized for wide input bandwidth, high sampling
rates, excellent linearity, and low power in a small package.
The dual ADC cores feature a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth inputs supporting a variety of
user-selectable input ranges. An integrated voltage reference
eases design considerations.
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
CLK+
CLK–
AVDD1
(1.25V)
AVDD2
(2.50V)
DRVDD
(1.25V)
SDIO
SCLK
CSB
AGND
AD6679
DVDD
(1.25V)
DRGND
SYNC±
CLOCK
GENERATION
AND ADJUST
SPI CONTROL
PDWN/STBY
SPIVDD
(1.22V TO 3.4V)
FD_A
FD_B
FAST
DETECT
BUFFER
V_1P0
SIGNAL
MONITOR
LVDS
OUTPUTS
LVDS
OUTPUT
STAGING
DATA
ROUTER
MUX
VIN+B
VIN–B
SIGNAL
MONITOR
FAST
DETECT
BUFFER
DGND
AVDD3
(3.3V)
SIGNAL PROCESSING
D0±
16
D1±
D2±
D3±
D4±
D5±
D6±
D7±
D8±
D9±
D10±
D11±
D12±
D13±
DCO±
STATUS±
ADC
ADC
÷2
÷4
÷8
DIGITAL DOWN-
CONVERSION
(×4)
NOISE SHAPING
REQUANTIZER
(×2)
VARIABLE
DYNAMIC RANGE
(×2)
Figure 1.


Similar Part No. - AD6679

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6679 AD-AD6679 Datasheet
1Mb / 82P
135 MHz BW IF Diversity Receiver
23-Feb-2017
AD6679-500EBZ AD-AD6679-500EBZ Datasheet
1Mb / 82P
135 MHz BW IF Diversity Receiver
23-Feb-2017
AD6679BBPZ-500 AD-AD6679BBPZ-500 Datasheet
1Mb / 82P
135 MHz BW IF Diversity Receiver
23-Feb-2017
AD6679BBPZRL7-500 AD-AD6679BBPZRL7-500 Datasheet
1Mb / 82P
135 MHz BW IF Diversity Receiver
23-Feb-2017
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
135 MHz BW IF Diversity Receiver
23-Feb-2017
More results

Similar Description - AD6679

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6655 AD-AD6655 Datasheet
2Mb / 84P
IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
IF Diversity Receiver
11/07-Revision 0
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
IF Diversity Receiver
REV. A
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
IF Diversity Receiver
REV. C
AD6674 AD-AD6674 Datasheet
2Mb / 91P
385 MHz BW IF Diversity Receiver
REV. B
AD6684 AD-AD6684 Datasheet
2Mb / 107P
135 MHz Quad IF Receiver
REV. 0
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
IF Diversity Receiver
23-Feb-2017
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
IF Diversity Receiver
15-Jul-2017
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
385 MHz BW IF Diversity Receiver
23-Feb-2017
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
135 MHz BW IF Diversity Receiver
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com