Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 11 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6679 Datasheet HTML 7Page - Analog Devices AD6679 Datasheet HTML 8Page - Analog Devices AD6679 Datasheet HTML 9Page - Analog Devices AD6679 Datasheet HTML 10Page - Analog Devices AD6679 Datasheet HTML 11Page - Analog Devices AD6679 Datasheet HTML 12Page - Analog Devices AD6679 Datasheet HTML 13Page - Analog Devices AD6679 Datasheet HTML 14Page - Analog Devices AD6679 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
Data Sheet
AD6679
Rev. B | Page 11 of 81
CLK+
DCO± (DATA CLOCK OUTPUT)
0° PHASE ADJUST
DCO± (DATA CLOCK OUTPUT)
180° PHASE ADJUST
SYNC+
APERTURE DELAY
N
N + x
N + 33
N + 34
N + 35
D13±
D0±
CONVERTER 0
SAMPLE
[N]
VIN±x
OVR
OVR
OVR
OVR
OVR
OVR
OVR
OVR
D13
D13
D13
D13
D13
D13
D13
D0
D0
D0
D0
D0
D0
D0
CLK–
SYNC–
OVR+
(OVERRANGE/STATUS BIT)
OVR–
tCLK
tCH
tDCO
tPD
tSKEWF
tSKEWR
CONVERTER 1
SAMPLE
[N]
CONVERTER 0
SAMPLE
[N + 1]
CONVERTER 1
SAMPLE
[N + 1]
CONVERTER 0
SAMPLE
[N + 2]
SYNCHRONOUS LOW TO HIGH TRANSITION OF THE SYNC SIGNAL CAPTURED ON THE RISING EDGE OF
THE CLK SIGNAL CAUSES THE DCO INTERNAL DIVIDER TO BE RESET
STATUS BIT SELECTED BY
OUTPUT MODE CONTROL 1 BITS, REGISTER 0x559[2:0]
IN THE REGISTER MAP
D13
D0
Figure 5. Parallel Interleaved Mode—Two Virtual Converters (Decimate by 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com