Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 24 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6679 Datasheet HTML 20Page - Analog Devices AD6679 Datasheet HTML 21Page - Analog Devices AD6679 Datasheet HTML 22Page - Analog Devices AD6679 Datasheet HTML 23Page - Analog Devices AD6679 Datasheet HTML 24Page - Analog Devices AD6679 Datasheet HTML 25Page - Analog Devices AD6679 Datasheet HTML 26Page - Analog Devices AD6679 Datasheet HTML 27Page - Analog Devices AD6679 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 24 of 81
Pin No.
Mnemonic
Type
Description
CMOS Outputs
J14, J1
FD_A, FD_B
Output
Fast Detect Outputs for Channel A and Channel B.
Digital Inputs
C7, C8
SYNC+,
SYNC−
Input
Active High LVDS Sync Input—True/Complement.
Data Outputs
N4, P4
DATA0−,
DATA0+
Output
LVDS Byte Data 0—Complement/True.
N5, P5
DATA1−,
DATA1+
Output
LVDS Byte Data 1—Complement/True.
N9, P9
DATA2−,
DATA2+
Output
LVDS Byte Data 2—Complement/True.
N10, P10
DATA3−,
DATA3+
Output
LVDS Byte Data 3—Complement/True.
N11, P11
DATA4−,
DATA4+
Output
LVDS Byte Data 4—Complement/True.
N12, P12
DATA5−,
DATA5+
Output
LVDS Byte Data 5—Complement/True.
N13, P13
DATA6−,
DATA6+
Output
LVDS Byte Data 6—Complement/True.
N14, P14
DATA7−,
DATA7+
Output
LVDS Byte Data 7—Complement/True.
M13, M14
STATUS−,
STATUS+
Output
LVDS Status Output Data—Complement/True.
L13, L14
FCO−, FCO+
Output
LVDS Frame Clock Output Data—Complement/True.
K13, K14
DCO−,
DCO+
Output
LVDS Digital Clock Output Data—Complement/True.
DUT Controls
K4
SDIO
Input/output
SPI Serial Data Input/Output.
J4
SCLK
Input
SPI Serial Clock.
H4
CSB
Input
SPI Chip Select (Active Low).
J13
PDWN/STBY
Input
Power-Down Input (Active High). The operation of this
pin depends on the SPI mode and can be configured in
power-down or standby mode.
No Connects
M1, M2, N1 to N3, N6, P1 to P3, P6
DNC
DNC
Do Not Connect. Do not connect to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com