Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 64 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD6679 Datasheet HTML 60Page - Analog Devices AD6679 Datasheet HTML 61Page - Analog Devices AD6679 Datasheet HTML 62Page - Analog Devices AD6679 Datasheet HTML 63Page - Analog Devices AD6679 Datasheet HTML 64Page - Analog Devices AD6679 Datasheet HTML 65Page - Analog Devices AD6679 Datasheet HTML 66Page - Analog Devices AD6679 Datasheet HTML 67Page - Analog Devices AD6679 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 64 of 81
MULTICHIP SYNCHRONIZATION
The AD6679 has a SYNC± input that allows the user flexible
options for synchronizing the internal blocks. The SYNC±
input is a source synchronous system reference signal that
enables multichip synchronization. The input clock divider,
DDCs, and signal monitor block can be synchronized using the
SYNC± input. For the highest level of timing accuracy, SYNC±
must meet the setup and hold requirements relative to the
CLK± input.
The flowchart in Figure 84 shows the internal mechanism by
which multichip synchronization can be achieved in the AD6679.
The AD6679 supports several features that aid users in meeting
the requirements for capturing a SYNC± signal. The SYNC±
sample event is defined as either a synchronous low to high
transition or a synchronous high to low transition. Additionally,
the AD6679 allows the SYNC± signal to be sampled using
either the rising edge or falling edge of the CLK± input. The
AD6679 also can ignore a programmable number (up to 16) of
SYNC± events. The SYNC± control options can be selected using
Register 0x120 and Register 0x121.
YES
UPDATE
SETUP/HOLD
DETECTOR STATUS
(REG 0x128)
INCREMENT
SYNC± IGNORE
COUNTER
YES
NO
SYNC±
ENABLED?
(REG 0x120)
NO
CLOCK
DIVIDER
> 1?
(REG 0x10B)
YES
NO
INPUT
CLOCK
DIVIDER
ALIGNMENT
REQUIRED?
YES
NO
NO
YES
ALIGN CLOCK
DIVIDER
PHASE TO
SYNC
DDC NCO
ALIGNMENT
ENABLED?
(REG 0x300)
NO
RESET
SYNC± IGNORE
COUNTER
NO
START
SYNC±
ASSERTED?
YES
NO
YES
ALIGN SIGNAL
MONITOR
COUNTERS
YES
NO
NO
INCREMENT
SYNC±
COUNTER
(REG 0x12A)
BACK TO START
SYNC±
IGNORE
COUNTER
EXPIRED?
(REG 0x121)
CLOCK
DIVIDER
AUTO ADJUST
ENABLED?
(REG 0x10D)
SIGNAL
MONITOR
SYNC
ENABLED?
(REG 0x26F)
ALIGN PHASE OF ALL
INTERNAL CLOCKS
TO SYNC±
YES
CLOCK
ALIGNMENT
REQUIRED?
ALIGN DDC
NCO PHASE
ACCUMULATOR
Figure 84. Multichip Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com