Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 66 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD6679 Datasheet HTML 62Page - Analog Devices AD6679 Datasheet HTML 63Page - Analog Devices AD6679 Datasheet HTML 64Page - Analog Devices AD6679 Datasheet HTML 65Page - Analog Devices AD6679 Datasheet HTML 66Page - Analog Devices AD6679 Datasheet HTML 67Page - Analog Devices AD6679 Datasheet HTML 68Page - Analog Devices AD6679 Datasheet HTML 69Page - Analog Devices AD6679 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 66 of 81
CLK±
INPUT
SYNC±
INPUT
VALID
REG 0x128[7:4]
FLIP FLOP
HOLD (MIN)
FLIP FLOP
HOLD (MIN)
FLIP FLOP
SETUP (MIN)
–1
–2
–3
–4
–5
–6
–7
–8
7
6
5
4
3
2
1
0
Figure 86. SYNC± Hold Detector
Table 37 shows the description of the contents of Register 0x128 and how to interpret them.
Table 37. SYNC± Setup and Hold Monitor, Register 0x128
Register 0x128, Bits[7:4] Hold
Status
Register 0x128, Bits[3:0] Setup
Status
Description
0x0
0x0 to 0x7
Possible setup error; the smaller this number, the smaller the setup
margin
0x0 to 0x8
0x8
No setup or hold error (best hold margin)
0x8
0x9 to 0xF
No setup or hold error (best setup and hold margin)
0x8
0x0
No setup or hold error (best setup margin)
0x9 to 0xF
0x0
Possible hold error; the larger this number, the smaller the hold
margin
0x0
0x0
Possible setup or hold error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com