Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 74 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD6679 Datasheet HTML 70Page - Analog Devices AD6679 Datasheet HTML 71Page - Analog Devices AD6679 Datasheet HTML 72Page - Analog Devices AD6679 Datasheet HTML 73Page - Analog Devices AD6679 Datasheet HTML 74Page - Analog Devices AD6679 Datasheet HTML 75Page - Analog Devices AD6679 Datasheet HTML 76Page - Analog Devices AD6679 Datasheet HTML 77Page - Analog Devices AD6679 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 74 of 81
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Notes
0x271
Signal Monitor Period
Register 0 (local)
Signal Monitor Period[7:1]
0
0x80
In dec-
imated
output
clock
cycles
0x272
Signal Monitor Period
Register 1 (local)
Signal Monitor Period[15:8]
0x00
In dec-
imated
output
clock
cycles
0x273
Signal Monitor Period
Register 2 (local)
Signal Monitor Period[23:16]
0x00
In dec-
imated
output
clock
cycles
0x274
Signal monitor result
control (local)
0
0
0
Result
update
1 = update
results (self
clear)
0
0
0
Result
selection
0 =
Reserved
1 = peak
detector
0x01
0x275
Signal Monitor Result
Register 0 (local)
Signal Monitor Result[7:0]
When Register 0x0274, Bit 0 = 1, Result Bits[19:7] = Peak Detector Absolute Value[12:0];
Result Bits[6:0] = 0
Read
only,
updated
based
on Reg.
0x274,
Bit 4
0x276
Signal Monitor Result
Register 1 (local)
Signal Monitor Result[15:8]
Read
only,
updated
based
on Reg.
0x274,
Bit 4
0x277
Signal Monitor Result
Register 1 (local)
0
0
0
0
Signal Monitor Result[19:16]
Read
only,
updated
based
on Reg.
0x274,
Bit 4
0x278
Signal monitor period
counter result (local)
Period Count Result[7:0]
Read
only,
updated
based
on Reg
0x274,
Bit 4
Digital Downconverter (DDC) Function Registers—See the
Digital Downconverter (DDC) Section
0x300
DDC synchronization
control
0
0
0
DDC NCO
soft reset
0 = normal
operation
1 = reset
0
0
Synchronization
mode
00 = disabled
01 = continuous
11 = one shot
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com