Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 31 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD6679 Datasheet HTML 27Page - Analog Devices AD6679 Datasheet HTML 28Page - Analog Devices AD6679 Datasheet HTML 29Page - Analog Devices AD6679 Datasheet HTML 30Page - Analog Devices AD6679 Datasheet HTML 31Page - Analog Devices AD6679 Datasheet HTML 32Page - Analog Devices AD6679 Datasheet HTML 33Page - Analog Devices AD6679 Datasheet HTML 34Page - Analog Devices AD6679 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
Data Sheet
AD6679
Rev. B | Page 31 of 81
Input Common Mode
The analog inputs of the AD6679 are internally biased to the
common mode, as shown in Figure 45. The common-mode
buffer has a limited range in that the performance suffers
greatly if the common-mode voltage drops by more than
100 mV. Therefore, in dc-coupled applications, set the
common-mode voltage to 2.05 V ± 100 mV to ensure proper
ADC operation.
Analog Input Controls and SFDR Optimization
The AD6679 offers flexible controls for the analog inputs such
as input termination, buffer current, and input full-scale
adjustment. All of the available controls are shown in Figure 45.
AIN CONTROL
(SPI) REGISTERS
(REG 0x008, REG 0x015,
REG 0x016, REG 0x018,
REG 0x025)
10pF
VIN+x
VIN–x
AVDD3
AVDD3
AVDD3
VCM
BUFFER
400Ω
3pF
3pF
Figure 45. Analog Input Controls
Use Register 0x018, Register 0x019, Register 0x01A, Register 0x11A,
Register 0x934, and Register 0x935 to adjust the buffer behavior on
each channel to optimize the SFDR over various input frequencies
and bandwidths of interest.
Input Buffer Control Registers (Register 0x018,
Register 0x019, Register 0x01A, Register 0x11A,
Register 0x934, Register 0x935)
The input buffer has many registers that set the bias currents
and other settings for operation at different frequencies. These
bias currents and settings can be changed to suit the input
frequency range of operation. Register 0x018 controls the buffer
bias current to reduce the effects of charge kickback from the
ADC core. This setting can be scaled from a low setting of 1.0× to
a high setting of 8.5×. The default setting in Register 0x018 is
2.0×. These settings are sufficient for operation in the first
Nyquist zone. As the input buffer currents are set, the amount
of current required by the AVDD3 supply changes. This
relationship is shown in Figure 46. For a complete list of buffer
current settings, see Table 41.
50
70
90
110
130
150
170
190
210
230
250
1.5×
2.5×
3.5×
4.5×
5.5×
6.5×
7.5×
8.5×
BUFFER CURRENT SETTING
Figure 46. Typical IAVDD3 vs. Buffer Current Setting in Register 0x018
Register 0x019, Register 0x01A, Register 0x11A, and Register 0x935
offer secondary bias controls for the input buffer for frequencies
>500 MHz. Use Register 0x934 to reduce input capacitance to
achieve wider signal bandwidth but doing so may result in
slightly lower linearity and noise performance. These register
settings do not affect the AVDD3 power as much as Register 0x018
does. For frequencies <500 MHz, it is recommended to use the
default settings for these registers. Table 11 shows the recom-
mended values for the buffer current control registers for various
speed grades.
Register 0x11A can be used when sampling in higher Nyquist
zones (>1000 MHz) but is not necessary. Using Register 0x11A
can help the ADC sampling network to optimize the sampling
and settling times internal to the ADC for high frequency opera-
tion. For frequencies greater than 500 MHz, it is recommended
to operate the ADC core at a 1.46 V full-scale setting. This setting
offers better SFDR without any significant decrease in SNR.
Figure 47, Figure 48, and Figure 49 show the SFDR vs. input
frequency for various buffer settings for the AD6679. The
recommended settings shown in Table 11 were used to collect
the data while changing the contents of register 0x018 only.
35
45
55
65
75
85
95
50
100
150
200
250
300
1.0×
1.5×
2.0×
3.0×
350
400
450
500
INPUT FREQUENCY (MHz)
4.5×
Figure 47. Buffer Current Sweeps (SFDR vs. Input Frequency and IBUFF);
10 MHz < fIN < 500 MHz; Front-End Network Shown in Figure 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com