Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 34 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6679 Datasheet HTML 30Page - Analog Devices AD6679 Datasheet HTML 31Page - Analog Devices AD6679 Datasheet HTML 32Page - Analog Devices AD6679 Datasheet HTML 33Page - Analog Devices AD6679 Datasheet HTML 34Page - Analog Devices AD6679 Datasheet HTML 35Page - Analog Devices AD6679 Datasheet HTML 36Page - Analog Devices AD6679 Datasheet HTML 37Page - Analog Devices AD6679 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 34 of 81
Input Clock Divider
The AD6679 contains an input clock divider with the ability to
divide the Nyquist input clock by 1, 2, 4, or 8. The divide ratio
can be selected using Register 0x10B. This is shown in Figure 56.
The maximum frequency at the output of the divider is 500 MHz.
The maximum frequency at the CLK± inputs is 4 GHz. This is
the limit of the divider. In applications where the clock input is
a multiple of the sample clock, take care to program the
appropriate divider ratio into the clock divider before applying
the clock signal. This ensures that the current transients during
device startup are controlled.
CLK+
CLK–
÷2
÷4
REG 0x10B
÷8
Figure 56. Clock Divider Circuit
The AD6679 clock divider can be synchronized using the
external SYNC± input. A valid SYNC± input causes the clock
divider to reset to a programmable state. This feature is enabled
by setting Bit 7 of Register 0x10D. This synchronization feature
allows multiple devices to have their clock dividers aligned to
guarantee simultaneous input sampling.
After programming the desired clock divider settings, changing
the input clock frequency or glitching the input clock a datapath
soft reset is recommended by writing 0x02 to Register 0x001.
This reset function restarts all the datapath and clock generation
circuitry in the device. The reset occurs on the first clock cycle
after the register is programmed, and the device requires 5 ms
to recover. This reset does not affect the contents of the memory
map registers.
Input Clock Divider ½ Period Delay Adjustment
The input clock divider inside the AD6679 provides phase delay
in increments of ½ the input clock cycle. Program Register 0x10C
to enable this delay independently for each channel.
Clock Fine Delay Adjustment
To adjust the AD6679 sampling edge instant, write to Register
0x117 and Register 0x118. Setting Bit 0 of Register 0x117 enables
the fine delay feature, and Register 0x118, Bits[7:0], set the value
of the delay. This value can be programmed individually for each
channel. The clock delay can be adjusted from −151.7 ps to
+150 ps in ~1.7 ps increments. The clock delay adjustment
takes effect immediately when it is enabled via SPI writes.
Enabling the clock fine delay adjustment in Register 0x117
causes a datapath reset.
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency
(fA) due only to aperture jitter (tJ) is calculated by
SNR = 20 × log10(2 × π × fA × tJ)
In this equation, the rms aperture jitter represents the root mean
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter specifications. IF undersampling
applications are particularly sensitive to jitter (see Figure 57).
1
10
100
1000
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.25ps
0.5ps
1.0ps
2.0ps
10 BITS
16 BITS
14 BITS
12 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT
ANALOG INPUT FREQUENCY (MHz)
Figure 57. Ideal SNR vs. Analog Input Frequency and Jitter
Treat the clock input as an analog signal when aperture jitter
may affect the dynamic range of the AD6679. Separate the power
supplies for the clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
If the clock is generated from another type of source (by gating,
dividing, or other methods), retime it using the original clock at
the last step. See the AN-501 Application Note and the AN-756
Application Note for more in-depth information about jitter
performance as it relates to ADCs.
Figure 58 shows the estimated SNR of the AD6679 across input
frequency for different clock induced jitter values. Estimate the
SNR by using the following equation:
+
=


 −
 −
10
10
10
10
10log
(dBFS)
JITTER
ADC
SNR
SNR
SNR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com