Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6679 Datasheet(PDF) 48 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD6679 Datasheet HTML 44Page - Analog Devices AD6679 Datasheet HTML 45Page - Analog Devices AD6679 Datasheet HTML 46Page - Analog Devices AD6679 Datasheet HTML 47Page - Analog Devices AD6679 Datasheet HTML 48Page - Analog Devices AD6679 Datasheet HTML 49Page - Analog Devices AD6679 Datasheet HTML 50Page - Analog Devices AD6679 Datasheet HTML 51Page - Analog Devices AD6679 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 48 of 81
For example, if the ADC sampling frequency (fS) is 500 MSPS
and the carrier frequency (fC) is 140.312 MHz, then

MHz
1149
500
500
,
312
.
140
mod
2
round
_
12
FTW
NCO
This, in turn, converts to 0x47D in the 12-bit twos complement
representation for NCO_FTW. Calculate the actual carrier
frequency, fC_ACTUAL, based on the following equation:
MHz
26
.
140
2
_
12
_
S
ACTUAL
C
f
FTW
NCO
f
A 12-bit POW is available for each NCO to create a known
phase relationship between multiple AD6679 chips or
individual DDC channels inside one AD6679 chip.
The following procedure must be followed to update the FTW
and/or POW registers to ensure proper operation of the NCO:
1.
Write to the FTW registers for all the DDCs.
2.
Write to the POW registers for all the DDCs.
3.
Synchronize the NCOs either through the DDC NCO soft
reset bit (Register 0x300, Bit 4), accessible through the SPI
or through the assertion of the SYNC± pin.
It is important to note that the NCOs must be synchronized
either through the SPI or through the SYNC± pin after all
writes to the FTW or POW registers are complete. This
synchronization is necessary to ensure the proper operation
of the NCO.
NCO Synchronization
Each NCO contains a separate phase accumulator word (PAW)
that determines the instantaneous phase of the NCO. The initial
reset value of each PAW is determined by the POW. The phase
increment value of each PAW is determined by the FTW. See
the Setting Up the NCO FTW and POW section for more
information.
Use the following two methods to synchronize multiple PAWs
within the chip:
Using the SPI. Use the DDC NCO soft reset bit in the DDC
synchronization control register (Register 0x300, Bit 4) to
reset all the PAWs in the chip. This is accomplished by
setting the DDC NCO soft reset bit high and then setting
this bit low. Note that this method synchronizes DDC
channels within the same AD6679 chip only.
Using the SYNC± pins. When the SYNC± pins are
enabled in the SYNC± control registers (Register 0x120
and Register 0x121) and the DDC synchronization is
enabled in the DDC synchronization control register
(Register 0x300, Bits[1:0]), any subsequent SYNC± event
resets all the PAWs in the chip. Note that this method
synchronizes DDC channels within the same AD6679 chip
or DDC channels within separate AD6679 chips.
Mixer
The NCO is accompanied by a mixer. Its operation is similar to
an analog quadrature mixer. It performs the downconversion of
input signals (real or complex) by using the NCO frequency as a
local oscillator. For real input signals, this mixer performs a real
mixer operation (with two multipliers). For complex input
signals, the mixer performs a complex mixer operation (with
four multipliers and two adders). The mixer adjusts its
operation based on the input signal (real or complex) provided
to each individual channel. The selection of real or complex
inputs can be controlled individually for each DDC block using
Bit 7 of the DDC control registers (Register 0x310, Register 0x330,
Register 0x350, and Register 0x370).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com