Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 19 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 19 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 15Page - Texas Instruments SWCS049G Datasheet HTML 16Page - Texas Instruments SWCS049G Datasheet HTML 17Page - Texas Instruments SWCS049G Datasheet HTML 18Page - Texas Instruments SWCS049G Datasheet HTML 19Page - Texas Instruments SWCS049G Datasheet HTML 20Page - Texas Instruments SWCS049G Datasheet HTML 21Page - Texas Instruments SWCS049G Datasheet HTML 22Page - Texas Instruments SWCS049G Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 119 page
background image
19
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
5.11 Thermal Monitoring and Shutdown
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Hot-die temperature rising threshold
THERM_HDSEL[1:0] = 00
117
°C
THERM_HDSEL[1:0] = 01
121
THERM_HDSEL[1:0] = 10
113
125
136
THERM_HDSEL[1:0] = 11
130
Hot-die temperature hysteresis
10
°C
Thermal shutdown temperature rising
threshold
136
148
160
°C
Thermal shutdown temperature hysteresis
10
°C
Ground current
Device in ACTIVE state, Temp = 27°C,
VCC7 = 3.8 V
6
µA
5.12 32-kHz RTC Clock
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLK32KOUT rise and fall time
CL = 35 pF
10
ns
BYPASS CLOCK (OSC32KIN: INPUT, OSC32KOUT FLOATING)
Input bypass clock frequency
OSCKIN input
32
kHz
Input bypass clock duty cycle
OSCKIN input
40%
60%
Input bypass clock rise and fall time
10%–90%, OSC32KIN input
10
20
ns
CLK32KOUT duty cycle
Logic output signal
40%
60%
Bypass clock setup time
32KCLKOUT output
1
ms
Ground current
Bypass mode
1.5
µA
CRYSTAL OSCILLATOR (CONNECTED FROM OSC32KIN TO OSC32KOUT)
Crystal frequency
at specified load capacitor value
32.768
kHz
Crystal tolerance
at 27°C
–20
0
20
ppm
Frequency temperature coefficient
Oscillator contribution (not including
crystal variation)
–0.5
0.5
ppm/°C
Secondary temperature coefficient
–0.04
–0.035
–0.03
ppm/°C2
Voltage coefficient
–2
2
ppm/V
Max crystal series resistor
At fundamental frequency
90
k
Ω
Crystal load capacitor
According to crystal data sheet
6
12.5
pF
Load crystal oscillator Coscin, Coscout
Parallel mode including parasitic PCB
capacitor
12
25
pF
Quality factor
8000
80000
Oscillator start-up time
On power on
2
s
Ground current
1.5
µA
RC OSCILLATOR (OSC32KIN: GROUNDED, OSC32KOUT FLOATING)
Output frequency
CK32KOUT output
32
kHz
Output frequency accuracy
at 25°C
–15%
0%
15%
Cycle jitter (RMS)
Oscillator contribution
10%
Output duty cycle
40%
50%
60%
Settling time
150
µs
Ground current
Active at fundamental frequency
4
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com