Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 26 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 26 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 22Page - Texas Instruments SWCS049G Datasheet HTML 23Page - Texas Instruments SWCS049G Datasheet HTML 24Page - Texas Instruments SWCS049G Datasheet HTML 25Page - Texas Instruments SWCS049G Datasheet HTML 26Page - Texas Instruments SWCS049G Datasheet HTML 27Page - Texas Instruments SWCS049G Datasheet HTML 28Page - Texas Instruments SWCS049G Datasheet HTML 29Page - Texas Instruments SWCS049G Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 119 page
background image
26
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
100 mV/20 µs reached with 50 mV/10 µs steps
5.18 VDDCtrl SMPS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage for external
FETs
3
25
V
Input voltage V5IN
4.5
5.5
V
VOUT
DC output voltage
IOUT = 0 to IOUTmax:
maximum programmable
voltage
SEL[6:0] = 1000011 to
1111111
1.4
V
...
SEL[6:0] = 0110001
1.2
...
IOUT = 0 to IOUTmax: minimum
programmable voltage
SEL[6:0] = 0000001 to
0000011
0.6
SEL[6:0] = 000000:
power down
0
VOUTSTEP
DC output voltage
programmable step
12.5
mV
ton
Turnon time, off to on
From EN high to Vout = 95%
900
µs
Output voltage transition
rate
From VOUT = 0.6 V to 1.4 V and VOUT = 1.4 V to 0.6 V
IOUT = 500 mA
100(1)
mV/20 µs
Switching frequency
IOUT = 100 mA
10
kHz
IOUT = 1 A
100
IOUT = 5 A
340
IQ
Ground current, off
1
µA
Ground current, no load
400
500
SUPPLY CURRENT
I(V5IN)
V5IN supply current
V5IN current, TA = 25°C,
No load
V(EN) = 5 V,
V(VOUT) = 0.63 V
320
500
µA
ISD(V5IN)
V5IN shutdown current
V5IN current,
TA = 25°C,
No load,
V(EN) = 0 V
1
µA
INTERNAL REFERENCE VOLTAGE
Reference
0.5974
0.603
0.6086
V
Mismatch of resistive divider
Specified by design. Not production tested.
(–0.0063 ×
VOUT +
0.0035)%
VOUT%
0.001 ×
VOUT –
0.0003%
I(VOUT)
Specified by design. Not
production tested.
I(VOUT) = 10
–4 × VOUT – 6 ×
10–5
VOUT = 0.6 V
1.25
µA
...
...
VOUT = 1 V
40
...
...
VOUT = 1.3875 V
78.75
OUTPUT DISCHARGE
IDischg
Output discharge current
from SW pin
V(EN) = 0 V, V(SW) = 0.5 V
5
13
mA
OUTPUT DRIVERS
R(DRVH)
DRVH resistance
Source, I(DRVH) = –50 mA
1.5
3
Ω
Sink, I(DRVH) = 50 mA
0.7
1.8
R(DRVL)
DRVL resistance
Source, I(DRVL) = –50 mA
1
2.2
Sink, I(DRVL) = 50 mA
0.5
1.2
tD
Dead time
DRVH-off to DRVL-on
7
17
30
ns
DRVH-off to DRVL-on
10
22
35
BOOT STRAP SWITCH
V(FBST)
Forward voltage
V(V5IN-VBST), IF = 10 mA, TA = 25°C
0.1
0.2
V
Ilkg
VBST leakage current
V(VBST) = 34.5 V, V(SW) = 28 V, TA = 25°C
0.01
1.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com