Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 21 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 21 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 17Page - Texas Instruments SWCS049G Datasheet HTML 18Page - Texas Instruments SWCS049G Datasheet HTML 19Page - Texas Instruments SWCS049G Datasheet HTML 20Page - Texas Instruments SWCS049G Datasheet HTML 21Page - Texas Instruments SWCS049G Datasheet HTML 22Page - Texas Instruments SWCS049G Datasheet HTML 23Page - Texas Instruments SWCS049G Datasheet HTML 24Page - Texas Instruments SWCS049G Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 119 page
background image
21
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
5.15 VIO SMPS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage (VCCIO and
VCC7) VIN
VOUT = 1.5 V, 1.8 V, or 2.5 V
2.7
5.5
V
VOUT = 3.3 V
VOUT
5.5
DC output voltage (VOUT)
PWM mode (VIO_PSKIP = 0)
or pulse skip mode IOUT = 0 to
IMAX
VSEL= 00
–3%
1.5
3%
V
VSEL = 01
–3%
1.8
3%
VSEL = 10
–3%
2.5
3%
VSEL = 11
–3%
3.3
3%
Power down
0
Rated output current IOUTmax
ILMAX[1:0] =11
VIO output voltage = 1.5 V
1300
mA
VIO output voltage = 1.8 V
1200
VIO output voltage = 2.2 V
1100
VIO output voltage = 3.3 V
1100
P-channel MOSFET
VIN = VINmin
300
m
Ω
On-resistance RDS(ON)_PMOS
VIN = 3.8 V
250
400
P-channel leakage current
ILK_PMOS
VIN = VINMAX, SWIO = 0 V
2
µA
N-channel MOSFET
On-resistance RDS(ON)_NMOS
VIN = VMIN
300
m
Ω
VIN = 3.8 V
250
400
N-channel leakage current
ILK_NMOS
VIN = VINmax, SWIO = VINmax
2
µA
PMOS current limit (high-side)
Source current load,
VIN = VINmin to VINmax
ILMAX[1:0] = 00
650
mA
ILMAX[1:0] = 01
1200
ILMAX[1:0] = 10
1700
NMOS current limit (low-side)
Source current load
VIN = VINmin to VINmax
ILMAX[1:0] = 00
650
mA
ILMAX[1:0] = 01
1200
ILMAX[1:0] = 10
1700
Sink current load
VIN = VINmin to VINmax
ILMAX[1:0] = 00
800
ILMAX[1:0] = 01
1200
ILMAX[1:0] = 10
1700
DC load regulation
On mode, IOUT = 0 to IOUTmax
20
mV
DC line regulation
On mode, VIN = VINmin to VINmax
at IOUT = IOUTmax
20
mV
Transient load regulation
VIN = 3.8 V, VOUT = 1.8 V
IOUT = 0 to 500 mA, maximum slew = 100 mA/µs
IOUT = 700 to 1200 mA, maximum slew = 100 mA/µs
50
mV
Turnon time, ton, off to on
IOUT = 200 mA
350
µs
Overshoot
SMPS turned on
3%
Power-save mode ripple
voltage
PFM (Pulse skip mode) mode, IOUT = 1 mA
0.025 ×
VOUT
VPP
Switching frequency
2.7
3
3.3
MHz
Duty cycle
100%
Minimum on time TON(MIN)
P-channel MOSFET
35
ns
Discharge resistor for power-
down sequence RDIS
30
50
Ω
VFBIO internal resistance
0.5
1
M
Ω
Ground current (IQ)
Off
1
µA
PWM mode, IOUT = 0 mA, VIN = 3.8 V, VIO_PSKIP = 0
7500
PFM (pulse skipping) mode, no switching, 3-MHz clock on
250
Low-power (pulse skipping) mode,
no switching ST[1:0] = 11
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com