Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 74 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 74 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 70Page - Texas Instruments SWCS049G Datasheet HTML 71Page - Texas Instruments SWCS049G Datasheet HTML 72Page - Texas Instruments SWCS049G Datasheet HTML 73Page - Texas Instruments SWCS049G Datasheet HTML 74Page - Texas Instruments SWCS049G Datasheet HTML 75Page - Texas Instruments SWCS049G Datasheet HTML 76Page - Texas Instruments SWCS049G Datasheet HTML 77Page - Texas Instruments SWCS049G Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 119 page
background image
74
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Bits
Field Name
Description
Type
Reset
2
Reserved
Reserved bit
RO
R returns
0s
0
1:0
ST
Reference state:
ST[1:0] = 00: Reserved
ST[1:0] = 01: On high power (ACTIVE)
ST[1:0] = 10: Reserved
ST[1:0] = 11: On low power (SLEEP)
(Write access available in test mode only)
RO
0x1
Table 6-35. VIO_REG
Address Offset
0x20
Physical Address
Instance
(RESET DOMAIN: TURNOFF OFF
RESET)
Description
VIO control register
Type
RW
7
6
5
4
3
2
1
0
ILMAX
Reserved
SEL
ST
Bits
Field Name
Description
Type
Reset
7:6
ILMAX
Select maximum load current:
when 00: 0.6 A
when 01: 1.0 A
when 10: 1.3 A
when 11: 1.3 A
RW
0x0
5:4
Reserved
Reserved bit
RO
R returns
0s
0x0
3:2
SEL
Output voltage selection (EEPROM bits):
SEL[1:0] = 00: 1.5 V
SEL[1:0] = 01: 1.8 V
SEL[1:0] = 10: 2.5 V
SEL[1:0] = 11: 3.3 V
(Default value: See boot configuration)
RW
0x0
1:0
ST
Supply state (EEPROM bits):
ST[1:0] = 00: Off
ST[1:0] = 01: On high power (ACTIVE)
ST[1:0] = 10: Off
ST[1:0] = 11: On low power (SLEEP)
RW
0x0
Table 6-36. VDD1_REG
Address Offset
0x21
Physical Address
Instance
(RESET DOMAIN: TURNOFF OFF
RESET)
Description
VDD1 control register
Type
RW
7
6
5
4
3
2
1
0
VGAIN_SEL
ILMAX
TSTEP
ST
Bits
Field Name
Description
Type
Reset
7:6
VGAIN_SEL
Select output voltage multiplication factor: G (EEPROM bits):
when 00: ×1
when 01: ×1
when 10: ×2
when 11: ×3
(Default value: See boot configuration)
RW
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com