Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 40 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 40 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 36Page - Texas Instruments SWCS049G Datasheet HTML 37Page - Texas Instruments SWCS049G Datasheet HTML 38Page - Texas Instruments SWCS049G Datasheet HTML 39Page - Texas Instruments SWCS049G Datasheet HTML 40Page - Texas Instruments SWCS049G Datasheet HTML 41Page - Texas Instruments SWCS049G Datasheet HTML 42Page - Texas Instruments SWCS049G Datasheet HTML 43Page - Texas Instruments SWCS049G Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 119 page
background image
SWCS049-008
VCC7
VIO
INT1
1.8 V
NRESPWRON
Switch On sequence
Interrupt acknowledge
PWRHOLD
VMBHI_IT=1
CLK32KOUT
VMBCH threshold
VMBHI threshold
VRTC
1.8 V
VMBDCH2 threshold
VMBLO threshold
VBNPR threshold
Switch-off
sequence
VBACKUP > VBNPR
tdbVMBLO
tdbVMBDCH
td32KON
tdbVMBHI
tdSONT
tdONPWHOLD
40
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
5.23.2.3 Device Turnon and Turnoff With Rising and Falling Input Voltage
A.
To allow power-up from first supply insertion as shown here, VMBHI_IT_MSK is set to 0.
B.
Power-up to active state is enabled when VMBHI interrupt is not masked (VMBHI_IT_MSK in boot configuration).
C.
DEV_ON or AUTODEV_ON control bits can be used instead of PWRHOLD signal to maintain supplies on after
switch-on sequence.
Figure 5-5. Device Turnon and Turnoff With Rising and Falling Input Voltage
Table 5-4. Device Turnon Voltage With Rising Input Voltage, Timing Characteristics
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
td32KON
32-kHz oscillator turnon
time
RC oscillator
0.1
ms
Quartz oscillator
200
Bypass clock
0.1
tdbVMBHI
VMBHI rising-edge
debouncing delay
3 × tCK32k = 94
4 × tCK32k = 125
µs
tdOINT1
INT1 power on pulse
duration after VMBHI high
level (debounced) event
1
s
tdONPWHOLD
Delay to set high
PWRHOLD signal or
DEV_ON control bit after
NRESPWRON released in
order to keep on the
supplies
tdOINT1 – tDSONT = 970
ms
tdbVMBDCH
Main battery voltage =
VMBDCH threshold to INT1
falling-edge delay
3 × tCK32k = 94
4 × tCK32k = 125
s
tdbVMBLO
Main battery voltage =
VMBLO threshold to
NRESPWRON falling-edge
delay
3 × tCK32k = 94
4 × tCK32k = 125
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com